Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1138 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
10
Figure 10 - 48V VDD NDRV vs. Temperature
Figure 11 - Comp Source vs. Temperature
Figure 12 - Comp Sink vs. Temperature
Figure 13 - Example of VDD48I / VDD48O / Converter
Output


Similar Part No. - AS1138

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AS113-110-1 ATM-AS113-110-1 Datasheet
91Kb / 1P
   OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-50-1 ATM-AS113-50-1 Datasheet
91Kb / 1P
   OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-XXX-1 ATM-AS113-XXX-1 Datasheet
91Kb / 1P
   OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
   132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
   POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com