Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1020B5743-02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1020B5743-02
Description  Flavus 2.4 GHz Snap-In Antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1020B5743-02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1020B5743-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1020B5743-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Integrated Antenna Solutions
4
Product Specification FE010320-C
Flavus 2.4 GHz Snap-In Antenna
7 Electrical performance
7.1 Voltage Standing Wave Ratio
2.4
2.45
2.5 GHz
VSWR
1:1
3:1
* HP9770 Network Analyzer
2:1
7.2 3D-Radiation
-19.26
-16.9
-14.55
-12.19
-0.41
-20
-10
0
10
-15
-10
-5
0
-10
-5
0
5
10
15
X
Y
15
10
5
-15
-9.83
-7.48
-5.12
-2.77
1.94
4.3
dBi
7.3 Radiation patterns
XY- Plane
XZ- Plane
YZ- Plane
Total
polarization
-35 dBi
-25 dBi
-15 dBi
-5 dBi
5 dBi
15 dBi
30
210
60
240
90
270
120
300
150
330
180
0
2.40 GHz
2.45 GHz
2.50 GHz
X
Y
-35 dBi
-25 dBi
-15 dBi
-5 dBi
5 dBi
15 dBi
30
210
60
240
90
270
120
300
150
330
180
0
X
Z
2.40 GHz
2.45 GHz
2.50 GHz
-35 dBi
-25 dBi
-15 dBi
-5 dBi
5 dBi
15 dBi
30
210
60
240
90
270
120
300
150
330
180
0
Y
Z
2.40 GHz
2.45 GHz
2.50 GHz


Similar Part No. - 1020B5743-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1020B5786-01 ETC2-1020B5786-01 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
1020B5786-02 ETC2-1020B5786-02 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
1020B5786-03 ETC2-1020B5786-03 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
1020B5786-04 ETC2-1020B5786-04 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
1020B5786-05 ETC2-1020B5786-05 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
More results

Similar Description - 1020B5743-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1020B5786-01 ETC2-1020B5786-01 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
1020B5812-01 ETC2-1020B5812-01 Datasheet
939Kb / 11P
   Flavus GSM Snap-In Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
   2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
   2.4 GHz panel antenna
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
   2.4 GHz panel antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
   2.4 GHz MicroSphere Antenna
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com