Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHR0312SA256K20 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MHR0312SA256K20
Description  maximum working voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MHR0312SA256K20 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MHR0312SA256K20 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MHR0312SA256K20 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
MHR0312SA256K20
Specifications
Power Rating
0.6W
Shape
Lead
Maximum Working Voltage
3.8kVdc
Resistance
25.0MΩ
Resistance Deviation
±10%
Single Use/Mold Use
Molded use
Length
12.6mm
Height H
5.0mm
Lead Pitch P
10.16mm
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/01/05


Similar Part No. - MHR0312SA256K20

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHR0312SA256K70 MURATA-MHR0312SA256K70 Datasheet
153Kb / 2P
   maximum working voltage
More results

Similar Description - MHR0312SA256K20

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHR0612SA206K70 MURATA-MHR0612SA206K70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA206M70 MURATA-MHR0612SA206M70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA686D70 MURATA-MHR0612SA686D70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA686F70 MURATA-MHR0612SA686F70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA686M70 MURATA-MHR0612SA686M70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA687G20 MURATA-MHR0612SA687G20 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0614SA106G20 MURATA-MHR0614SA106G20 Datasheet
164Kb / 2P
   Maximum Working Voltage
MHR0614SA106K70 MURATA-MHR0614SA106K70 Datasheet
164Kb / 2P
   Maximum Working Voltage
MHR0614SA107K20 MURATA-MHR0614SA107K20 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0614SA107M20 MURATA-MHR0614SA107M20 Datasheet
163Kb / 2P
   Maximum Working Voltage
MHR0609SA806K70 MURATA-MHR0609SA806K70 Datasheet
162Kb / 2P
   Maximum Working Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com