Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF1308R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMSF1308R2
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF1308R2 Datasheet(HTML) 1 Page - ON Semiconductor

  MMSF1308R2 Datasheet HTML 1Page - ON Semiconductor MMSF1308R2 Datasheet HTML 2Page - ON Semiconductor MMSF1308R2 Datasheet HTML 3Page - ON Semiconductor MMSF1308R2 Datasheet HTML 4Page - ON Semiconductor MMSF1308R2 Datasheet HTML 5Page - ON Semiconductor MMSF1308R2 Datasheet HTML 6Page - ON Semiconductor MMSF1308R2 Datasheet HTML 7Page - ON Semiconductor MMSF1308R2 Datasheet HTML 8Page - ON Semiconductor MMSF1308R2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Order Number:
MMSF1308/D
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
MMSF1308
Preferred Device
Power MOSFET
7 Amps, 30 Volts
N−Channel SO−8
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the drain−to−source
diode has a very low reverse recovery time. MiniMOS
t devices are
designed for use in low voltage, high speed switching applications where
power efficiency is important. Typical applications are dc−dc converters,
and power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
High Speed Switching Provides High Efficiency for DC/DC
Converter
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Exhibits High Speed, With Soft Recovery
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Continuous Drain Current @ TA = 25°C
(Note 1.)
Pulsed Drain Current (Note 2.)
ID
IDM
7.0
50
Adc
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.5
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
THERMAL RESISTANCE
Junction−to−Ambient (Note 1.)
RθJA
50
°C/W
1. When mounted on 1″ square FR−4 or G−10 board
(VGS = 10 V, @ 10 Seconds)
2. Repetitive rating; pulse width limited by maximum junction temperature.
7 AMPERES
30 VOLTS
RDS(on) = 30 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF1308R2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 12
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D
S
G
S1308
L
= Location Code
Y
= Year
WW
= Work Week
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
1
8


Similar Part No. - MMSF1308R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF1310 ONSEMI-MMSF1310 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF1310R2 ONSEMI-MMSF1310R2 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMSF1308R2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com