Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT3055ET1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMFT3055ET1
Description  N-Channel TMOS E-FET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT3055ET1 Datasheet(HTML) 6 Page - ON Semiconductor

  MMFT3055ET1 Datasheet HTML 1Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 2Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 3Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 4Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 5Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 6Page - ON Semiconductor MMFT3055ET1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMFT3055E
http://onsemi.com
6
Figure 14. Capacitance Variation With Voltage
SAME
DEVICETYPE
AS DUT
Vin
+18V
VDD
10V
100k
0.1
μF
FERRITE
BEAD
DUT
100
2N3904
2N3904
47k
15V
100k
Vin = 15 Vpk; PULSE WIDTH ≤ 100 μs, DUTY CYCLE ≤ 10%.
1mA
47k
Figure 15. Gate Charge versus
Gate−To−Source Voltage
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Crss
Ciss
Coss
1400
20
1200
1000
800
600
400
200
0
15
10
5
0
5
10
15
20
Figure 16. Gate Charge Test Circuit
Qg, TOTAL GATE CHARGE (nC)
16
0
14
12
10
0
24
6
20
VDS = 36 V
8
6
4
2
810
12
14
16
18
48 V
VGS
VDS
TJ = 25°C
f = 1 MHz
TJ = 25°C
ID = 1.7 A
VGS = 10 V


Similar Part No. - MMFT3055ET1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
More results

Similar Description - MMFT3055ET1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
MTW10N40E MOTOROLA-MTW10N40E Datasheet
70Kb / 2P
   TMOS E-FET POWER FIELD EFFECT TRANSISTOR
MTW8N50E MOTOROLA-MTW8N50E Datasheet
70Kb / 2P
   TMOS E FET POWER FIELD EFFECT TRANSISTOR
BSS123LT1 MOTOROLA-BSS123LT1 Datasheet
93Kb / 4P
   TMOS FET Transistor(N-Channel)
logo
Seme LAB
2N6796 SEME-LAB-2N6796 Datasheet
18Kb / 2P
   TMOS FET TRANSISTOR N - CHANNEL
2N6796 SEME-LAB-2N6796_03 Datasheet
22Kb / 2P
   TMOS FET ENHANCEMENT N - CHANNEL
logo
Motorola, Inc
MTW4N80 MOTOROLA-MTW4N80 Datasheet
70Kb / 2P
   TMOS E-FET POWER FIELD EFFECT TRANSISITOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
VN2410LG MOTOROLA-VN2410LG Datasheet
61Kb / 4P
   TMOS FET Transistor N-Channel - Enhancement
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
   TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
   TMOS FET Switching(N-Channel-Enhancement)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com