Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDFS6N303 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDFS6N303
Description  N-Channel SO-8 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS6N303 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDFS6N303 Datasheet HTML 1Page - ON Semiconductor MMDFS6N303 Datasheet HTML 2Page - ON Semiconductor MMDFS6N303 Datasheet HTML 3Page - ON Semiconductor MMDFS6N303 Datasheet HTML 4Page - ON Semiconductor MMDFS6N303 Datasheet HTML 5Page - ON Semiconductor MMDFS6N303 Datasheet HTML 6Page - ON Semiconductor MMDFS6N303 Datasheet HTML 7Page - ON Semiconductor MMDFS6N303 Datasheet HTML 8Page - ON Semiconductor MMDFS6N303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
MMDFS6N303/D
MMDFS6N303
Power MOSFET
6 Amps, 30 Volts
N−Channel SO−8, FETKYt
The FETKY product family incorporates low RDS(on), true logic
level MOSFETs packaged with industry leading, low forward drop,
low leakage Schottky Barrier rectifiers to offer high efficiency
components in a space saving configuration. Independent pinouts for
MOSFET and Schottky die allow the flexibility to use a single
component for switching and rectification functions in a wide variety
of applications such as Buck Converter, Buck−Boost, Synchronous
Rectification, Low Voltage Motor Control, and Load Management in
Battery Packs, Chargers, Cell Phones and other Portable Products.
Features
Power MOSFET with Low VF
Lower Component Placement and Inventory Costs along with
Board Space Savings
Logic Level Gate Drive — Can be Driven by Logic ICs
Mounting Information for SO−8 Package Provided
Applications Information Provided
R2 Suffix for Tape and Reel (2500 units/13″ reel)
Marking: 6N303
MOSFET MAXIMUM RATINGS
(TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
30
Vdc
Gate−to−Source Voltage — Continuous
VGS
"20
Vdc
Drain Current (Note 2)
Continuous @ TA = 25°C
− Single Pulse (tp v 10 ms)
ID
IDM
6.0
30
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 2)
PD
2.0
Watts
Single Pulse Drain−to−Source Avalanche
Energy — Startin TJ = 25°C
VDD = 30 Vdc, VGS = 5.0 Vdc, VDS = 20
Vdc, IL = 9.0 Apk, L = 10 mH, RG = 25 W
EAS
325
mJ
1. Pulse Test: Pulse Width ≤ 250 ms, Duty Cycle ≤ 2.0%.
2. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
Anode
1
2
3
4
8
7
6
5
Top View
Anode
Source
Gate
Cathode
Cathode
Drain
Drain
D
S
G
N−Channel
MARKING
DIAGRAM
PIN ASSIGNMENT
6 AMPERES
30 VOLTS
RDS(on) = 35 mW
VF = 0.42 Volts
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
MMDFS6N303R2
SO−8
2500/Tape & Reel
SO−8
CASE 751
STYLE 18
1
8
6N303
ALYW
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week


Similar Part No. - MMDFS6N303

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDFS2P102 MOTOROLA-MMDFS2P102 Datasheet
248Kb / 12P
   P-Channel Power MOSFET with Schottky Rectifier 20 Volts
logo
ON Semiconductor
MMDFS2P102 ONSEMI-MMDFS2P102 Datasheet
249Kb / 11P
   Power MOSFET
August, 2006 ??Rev. 2
MMDFS2P102R2 ONSEMI-MMDFS2P102R2 Datasheet
249Kb / 11P
   Power MOSFET
August, 2006 ??Rev. 2
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
More results

Similar Description - MMDFS6N303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
   P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com