Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6662-TL-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCH6662-TL-H
Description  Dual N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6662-TL-H Datasheet(HTML) 3 Page - ON Semiconductor

  MCH6662-TL-H Datasheet HTML 1Page - ON Semiconductor MCH6662-TL-H Datasheet HTML 2Page - ON Semiconductor MCH6662-TL-H Datasheet HTML 3Page - ON Semiconductor MCH6662-TL-H Datasheet HTML 4Page - ON Semiconductor MCH6662-TL-H Datasheet HTML 5Page - ON Semiconductor MCH6662-TL-H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCH6662
www.onsemi.com
3
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
0.5
1.0
1.5
2.0
0
0.5
1.5
1.0
2.0
2.5
0
IT16372
IT16373
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
0.4
0.8
1.2
1.6
1.8
0.2
0.6
1.0
1.4
2.0
VDS=10V
VGS=1.2V
1.5V
Ta=25°C
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta -- °C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Forward Diode Voltage, VSD -- V
Drain Current, ID -- A
gFS -- ID
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
0.4
0.2
0.6
1.2
1.0
0.8
0.001
0.01
7
5
3
2
2
0.1
10
7
1.0
7
5
3
2
5
3
7
2
5
3
HD16377
VGS=0V
020
48
12
16
6101418
2
IT16379
10
7
100
1000
5
3
2
7
5
3
2
Crss
Coss
Ciss
f=1MHz
HD16643
Ta=
--25
°C
75°
C
25°
C
VDS=10V
10
1.0
1000
7
5
3
2
100
7
5
3
2
7
5
3
2
0.01
0.1
2
1.0
35 7
IT16644
VDD=10V
VGS=4.5V
td(off)
tr
tf
10
23
57
23
57
td(on)
0.1
2
2
1.0
10
7
5
7
5
3
3
0.1
2
0.01
57
23
1.0
2
57
10
57
33
--60 --40 --20
020406080
100 120 140 160
0
100
500
400
600
300
200
VGS=1.8
V, ID=0.1A
VGS=4.5V
, ID=1.0A
VGS=2.5V
, ID=0.5A
IT16712
Ta=25°C
IT16713
ID=0.1A
1A
01
56
4
3
28
10
79
0
100
200
400
300
500
600
0.5A


Similar Part No. - MCH6662-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6662 SANYO-MCH6662 Datasheet
386Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - MCH6662-TL-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
   Dual N-Channel Power MOSFET
logo
Fairchild Semiconductor
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
   Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
NTMFD4901NF ONSEMI-NTMFD4901NF_14 Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET
June, 2014 ??Rev. 6
logo
Fairchild Semiconductor
SSD2025 FAIRCHILD-SSD2025 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
MCCD2005 MCC-MCCD2005 Datasheet
618Kb / 4P
   Dual N-Channel Power MOSFET
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
   Dual N-Channel Power MOSFET
July, 2014
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
   MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
NTMFD4C20N ONSEMI-NTMFD4C20N Datasheet
165Kb / 12P
   Dual N-Channel Power MOSFET
December, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com