Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8224BS Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8224BS
Description  Dual-Tone Receiver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8224BS Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8224BS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8224BS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SM8224B
NIPPON PRECISION CIRCUITS—4
PIN DESCRIPTION
Number
Name
I/O
Function
1
A G N D
O
Analog ground output. Internal reference voltage (VDD /2) output level
2
TIP
I
Tip input. Connected to the telephone line through a protection circuit
3
RING
I
Ring input. Connected to the telephone line through a protection circuit
4
T R Q
O
Input-stage amplifier gain-select output. Used to adjust the gain of the input-stage amplifier.
5
G N D
Ground. Connected to the system ground potential.
6
OSCIN
I
Cr ystal oscillator input. The cr ystal oscillator element is connected between this pin and OSCOUT.
7
OSCOUT
O
Cr ystal oscillator output. The cr ystal oscillator element is connected between this pin and OSCIN.
8
MODE
I
When MODE is HIGH, and S1 and S0 are both LOW , the device is in pow er-down state. See table 2.
9
TEST
TEST pin. Set OPEN when nor mal using.
1 0
DOUT
O
Data output. Demodulated FSK signal output. HIGH level output when CDET goes HIGH.
1 1
STR
O
Dual-tone confirmation output. Function is selected by S0 and S1. See table 2.
Dual-tone confirmation: Active-LOW output when dual tone detection signal passes through RC time
constant delay circuit.
1 2
DTDET
O
Dual-tone detector output. HIGH-level output when dual tone is detected.
1 3
C R
I/O
Dual tone RC time constant circuit connection. The dual tone detection signal passes through the RC
network to generate the S T R signal.
1 4
CDET
O
FSK signal carrier detector output. L OW -level when active carrier is detected.
1 5
V D D
Supply
1 6
S 1
I
Function select bit 1. Selects the device mode in combination with S0 and MODE. See table 2.
1 7
S 0
I
Function select bit 1. Selects the device mode in combination with S1 and MODE. See table 2.
1 8
D T Q
O
Dual-tone signal input-stage amplifier output. Used to adjust the gain of the input-stage amplifier.
1 9
D T 2
I
Dual-tone signal input-stage operational amplifier inverting input
2 0
D T 1
I
Dual-tone signal input-stage operational amplifier non-inverting input


Similar Part No. - SM8224BS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
SM8224CM NPC-SM8224CM Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - SM8224BS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
Toshiba Semiconductor
TA8184P TOSHIBA-TA8184P Datasheet
655Kb / 15P
   DUAL CHANNEL VOLTAGE/TONE CONTROL IC
logo
Motorola, Inc
MC145436A MOTOROLA-MC145436A Datasheet
144Kb / 8P
   LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
   TONE CONTROL IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
List of Unclassifed Man...
AX31002 ETC-AX31002 Datasheet
169Kb / 5P
   Bipolar Tone Ringer IC
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com