Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37478E8FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37478E8FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ???
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37478E8FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37478E8FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37478E8FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
CPU Mode Register
The CPU mode register is allocated at address 00FB16.
This register contains the stack page selection bit.
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7477/7478 group uses the standard 740 family instruction set.
Refer to the table of 740 family addressing modes and machine in-
structions or the SERIES 740 <Software> User’s Manual for
details on the instruction set.
Machine-resident 740 family instructions are as follows:
The FST and SLW instruction cannot be used.
The MUL, DIV, WIT, and STP instruction can be used.
Fig. 1 Structure of CPU mode register
CPU mode register (Address 00FB 16)
b7
b0
Stack page selection bit (Note 1)
0 : In page 0 area
1 : In page 1 area
These bits must always be set to “0”.
P50, P51/XCIN, XCOUT selection bit (Note 2)
0 : P50, P51
1 : XCIN, XCOUT
Notes 1 : In the M37477M4-XXXSP/FP, M37478M4-XXXSP/FP, set this bit to “0”.
2 : In the 7477 group, set this bit to “0”.
XCOUT drive capacity selection bit (Note 2)
0 : Low
1 : High
Clock (XIN-XOUT) stop bit (Note 2)
0 : Oscillates
1 : Stops
Internal system clock selection bit (Note 2)
0 : XIN-XOUT selected (normal mode)
1 : XCIN-XCOUT selected (low-speed mode)


Similar Part No. - M37478E8FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37478E8-XXXFP RENESAS-M37478E8-XXXFP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478E8-XXXFP RENESAS-M37478E8-XXXFP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478E8-XXXSP RENESAS-M37478E8-XXXSP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478E8-XXXSP RENESAS-M37478E8-XXXSP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478E8-XXXSP/FP RENESAS-M37478E8-XXXSP/FP Datasheet
770Kb / 48P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37478E8FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com