Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP005-3-012X Datasheet(PDF) 1 Page - Ensign Corporation

Part # IP005-3-012X
Description  POWER TRANSFORMER ADMIRAL CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IP005-3-012X Datasheet(HTML) 1 Page - Ensign Corporation

  IP005-3-012X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
ADMIRAL CLASS
IP005-1-XXXX
IP005-2-XXXX
IP005-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Series Connection
Parallel Connection
IP005-1-010X
IP005-2-010X
IP005-3-010X
10VCT @ 0.50A
5V @ 1.0A
IP005-1-012X
IP005-2-012X
IP005-3-012X
12.6VCT @ 0.40A
6.3V @ 0.80A
IP005-1-016X
IP005-2-016X
IP005-3-016X
16VCT @ 0.31A
8V @ 0.62A
IP005-1-020X
IP005-2-020X
IP005-3-020X
20VCT @ 0.25A
10V @ 0.50A
IP005-1-024X
IP005-2-024X
IP005-3-024X
24VCT @ 0.21A
12V @ 0.42A
IP005-1-028X
IP005-2-028X
IP005-3-028X
28VCT @ 0.18A
14V @ 0.36A
IP005-1-036X
IP005-2-036X
IP005-3-036X
36VCT @ 0.14A
18V @ 0.28A
ADMIRAL CLASS - INTERNATIONAL PRINTED CIRCUIT MOUNT, POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 5VA
B. Input Voltage and Frequency: 115V, 115/230V, 230V
50/60Hz
C. Voltage Regulation: 18% TYP @ full load to no load
D. Temperature Rise: 25 C TYP
E. Insulation Resistance: > 1 MEG ohm
F.
Hi-Pot: 4000Vrms 1 minute @ Pri to Sec
4000Vrms 1 minute @ Pri to Core
4000Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code
3.
Safety:
UL/cUL 5085-2 Recognized Construction (File 47299)
UL 60950 Recognized (File E144070)
VDE 0805 Licensed (File 19019-3336-9002/A1C)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


Similar Part No. - IP005-3-012X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP00 BEL-IP00 Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
Ensign Corporation
IP002-1-010X ENSIGN-IP002-1-010X Datasheet
388Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP002-1-012X ENSIGN-IP002-1-012X Datasheet
388Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP002-1-016X ENSIGN-IP002-1-016X Datasheet
388Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP002-1-020X ENSIGN-IP002-1-020X Datasheet
388Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IP005-3-012X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IT025-1-010X ENSIGN-IT025-1-010X Datasheet
304Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT043-1-010X ENSIGN-IT043-1-010X Datasheet
298Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L006-1-510X ENSIGN-L006-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
L012-1-510X ENSIGN-L012-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP030-1-010X ENSIGN-IP030-1-010X Datasheet
381Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT175-1-010X ENSIGN-IT175-1-010X Datasheet
302Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL056-1-010X ENSIGN-IL056-1-010X Datasheet
724Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IP056-1-010X ENSIGN-IP056-1-010X Datasheet
399Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com