Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVT15150V Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SVT15150V
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT15150V Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SVT15150V Datasheet HTML 1Page - Pan Jit International Inc. SVT15150V Datasheet HTML 2Page - Pan Jit International Inc. SVT15150V Datasheet HTML 3Page - Pan Jit International Inc. SVT15150V Datasheet HTML 4Page - Pan Jit International Inc. SVT15150V Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSVT15150V
May 13,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
IR=0.5mA
TJ=25
oC
150
-
-
V
Instantaneous forward
voltage
VF
IF=1A
IF=5A
IF=15A
TJ=25
oC
-
-
-
0.45
0.65
0.80
-
-
0.85
V
IF=1A
IF=5A
TJ=125
oC
-
-
0.36
0.53
-
-
V
Reverse current
IR
VR=120V
TJ=25
oC
-
5
-
A
VR=150V
TJ=25
oC
TJ=125
oC
-
-
-
7
30
-
A
mA


Similar Part No. - SVT15150V

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT15150VB PANJIT-SVT15150VB Datasheet
361Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15150VB PANJIT-SVT15150VB_16 Datasheet
476Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
June 15,2016-REV.01
SVT15150VB_R2_00001 PANJIT-SVT15150VB_R2_00001 Datasheet
476Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
June 15,2016-REV.01
SVT15150V PANJIT-SVT15150V_16 Datasheet
475Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15150V_R2_00001 PANJIT-SVT15150V_R2_00001 Datasheet
475Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SVT15150V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
   Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com