Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHE123AF Datasheet(PDF) 1 Page - AUK corp

Part # SHE123AF
Description  High Efficiency LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SHE123AF Datasheet(HTML) 1 Page - AUK corp

  SHE123AF Datasheet HTML 1Page - AUK corp SHE123AF Datasheet HTML 2Page - AUK corp SHE123AF Datasheet HTML 3Page - AUK corp SHE123AF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KLE-3003-000
1
SHE123AF / SHE123AF-(B)
High Efficiency LED Lamp
Features
• Colorless transparency lens type
• φ5mm(T-13/4) all plastic mold type
• Super luminosity
Application
• Traffic Signal
• Massage Board
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
STRAIGHT TYPE
STOPPER TYPE
5.8±0.2
2
1
1.0MIN
2.54NOM
1.0MIN
5.8±0.2
12
2.54NOM
8.6±0.2
25.0 MIN
0.8±0.2
8.6±0.2
3.5±0.5
0.8±0.2
0.5
25.0 MIN
5.0±0.2
5.0±0.2
0.5
PIN Connections
1. Anode
2. Cathode


Similar Part No. - SHE123AF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE123AF AUK-SHE123AF_1 Datasheet
185Kb / 4P
   High Efficiency LED Lamp
More results

Similar Description - SHE123AF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE114RC AUK-SHE114RC_1 Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE123YF AUK-SHE123YF_1 Datasheet
187Kb / 4P
   High Efficiency LED Lamp
SHE144AF AUK-SHE144AF Datasheet
235Kb / 4P
   High Efficiency LED Lamp
SHE145AF AUK-SHE145AF Datasheet
199Kb / 4P
   High Efficiency LED Lamp
SHE124PGHE AUK-SHE124PGHE Datasheet
270Kb / 5P
   High Efficiency LED Lamp
SHE114RC AUK-SHE114RC Datasheet
268Kb / 4P
   High Efficiency LED Lamp
SHE155AF-B AUK-SHE155AF-B Datasheet
289Kb / 4P
   High Efficiency LED Lamp
SHE164MD AUK-SHE164MD Datasheet
177Kb / 4P
   High Efficiency LED Lamp
SHE124AE AUK-SHE124AE_1 Datasheet
252Kb / 4P
   High Efficiency LED Lamp
SHE124MD AUK-SHE124MD_1 Datasheet
258Kb / 4P
   High Efficiency LED Lamp
SHE124RE AUK-SHE124RE_1 Datasheet
260Kb / 4P
   High Efficiency LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com