Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA001413074 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001413074
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001413074 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001413074 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
BSZ086P03NS3E G
Issued
7. October 2015
MA#
MA001413074
Package
PG-TSDSON-8-2
Weight*
40.21 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
1.835
4.56
4.56
45635
45635
leadframe
inorganic material
phosphorus
7723-14-0
0.002
0.01
52
non noble metal
zinc
7440-66-6
0.008
0.02
208
non noble metal
iron
7439-89-6
0.168
0.42
4170
non noble metal
copper
7440-50-8
6.808
16.93
17.38
169313
173743
wire
non noble metal
copper
7440-50-8
0.036
0.09
0.09
885
885
encapsulation
organic material
carbon black
1333-86-4
0.037
0.09
909
plastics
epoxy resin
-
1.882
4.68
46818
inorganic material
silicondioxide
60676-86-0
16.357
40.70
45.47
406817
454544
leadfinish
non noble metal
tin
7440-31-5
0.392
0.97
0.97
9749
9749
plating
noble metal
silver
7440-22-4
0.963
2.39
2.39
23940
23940
solder
non noble metal
tin
7440-31-5
0.037
0.09
915
noble metal
silver
7440-22-4
0.046
0.11
1144
non noble metal
lead
7439-92-1
1.758
4.37
4.57
43713
45772
heatspreader
inorganic material
phosphorus
7723-14-0
0.001
0.00
27
non noble metal
zinc
7440-66-6
0.004
0.01
107
non noble metal
iron
7439-89-6
0.086
0.21
2145
non noble metal
copper
7440-50-8
3.501
8.71
8.93
87077
89356
heat sink CLIP
inorganic material
phosphorus
7723-14-0
0.002
0.00
47
non noble metal
zinc
7440-66-6
0.008
0.02
188
non noble metal
iron
7439-89-6
0.151
0.38
3753
non noble metal
copper
7440-50-8
6.127
15.24
15.64
152388
156376
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and contains Pb according RoHS exemption
7a, Lead in high melting temperature type solders.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001413074

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001413438 INFINEON-MA001413438 Datasheet
32Kb / 1P
   Material Content Data Sheet
14. October 2015
MA001413438 INFINEON-MA001413438_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
14. October 2015
MA001413524 INFINEON-MA001413524 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. October 2015
MA001413524 INFINEON-MA001413524_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. October 2015
MA001413588 INFINEON-MA001413588 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. October 2015
More results

Similar Description - MA001413074

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com