Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C645NLWFT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS5C645NLWFT1G
Description  Power MOSFET 2 Amps, 12 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C645NLWFT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS5C645NLWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5C645NLWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5C645NLWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5C645NLWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5C645NLWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5C645NLWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS5C645NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
15.5
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 48 V
TJ = 25 °C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.0
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−4.9
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 50 A
3.3
4.0
m
W
VGS = 4.5 V
ID = 50 A
4.6
5.7
Forward Transconductance
gFS
VDS = 15 V, ID = 50 A
105
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 50 V
2200
pF
Output Capacitance
COSS
900
Reverse Transfer Capacitance
CRSS
17
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 30 V; ID = 50 A
16
nC
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 30 V; ID = 50 A
34
Threshold Gate Charge
QG(TH)
VGS = 4.5 V, VDS = 30 V; ID = 50 A
1.5
Gate−to−Source Charge
QGS
5.6
Gate−to−Drain Charge
QGD
5.1
Plateau Voltage
VGP
2.8
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 30 V,
ID = 50 A, RG = 2.5 W
10
ns
Rise Time
tr
15
Turn−Off Delay Time
td(OFF)
24
Fall Time
tf
5.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.88
1.2
V
TJ = 125°C
0.78
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
41
ns
Charge Time
ta
21
Discharge Time
tb
20
Reverse Recovery Charge
QRR
32
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVMFS5C645NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C645NLWFT1G ONSEMI-NVMFS5C645NLWFT1G Datasheet
124Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
More results

Similar Description - NVMFS5C645NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
   Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NTD12N10-1G ONSEMI-NTD12N10-1G Datasheet
148Kb / 8P
   Power MOSFET 12 Amps, 100 Volts
May, 2010 ??Rev. 8
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
MTP2P50E ONSEMI-MTP2P50E_10 Datasheet
193Kb / 7P
   Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
MGSF2P02HD ONSEMI-MGSF2P02HD Datasheet
106Kb / 8P
   Power MOSFET 2 Amps, 20 Volts
April, 2004 ??Rev. 2
MTP2P50E ONSEMI-MTP2P50E Datasheet
103Kb / 8P
   Power MOSFET 2 Amps, 500 Volts
November, 2000 ??Rev. 3
NTMD2C02R2G ONSEMI-NTMD2C02R2G Datasheet
187Kb / 12P
   Power MOSFET 2 Amps, 20 Volts
March, 2006 ??Rev. 1
NTGS3433T1 ONSEMI-NTGS3433T1_06 Datasheet
132Kb / 5P
   MOSFET -3.3 Amps, -12 Volts
February, 2006 ??Rev. 2
NTGS3433T1 ONSEMI-NTGS3433T1 Datasheet
60Kb / 6P
   MOSFET -3.3 Amps, -12 Volts
April, 2004 ??Rev. 1
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com