Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C628NLT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS5C628NLT3G
Description  Power MOSFET 4 Amps, 20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C628NLT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS5C628NLT3G Datasheet HTML 1Page - ON Semiconductor NVMFS5C628NLT3G Datasheet HTML 2Page - ON Semiconductor NVMFS5C628NLT3G Datasheet HTML 3Page - ON Semiconductor NVMFS5C628NLT3G Datasheet HTML 4Page - ON Semiconductor NVMFS5C628NLT3G Datasheet HTML 5Page - ON Semiconductor NVMFS5C628NLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS5C628NL
www.onsemi.com
5
TYPICAL CHARACTERISTICS
0.001
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 13. Thermal Characteristics
PULSE TIME (sec)
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
0.01
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping
NVMFS5C628NLT1G
5C628L
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C628NLWFT1G
628LWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
NVMFS5C628NLT3G
5C628L
DFN5
(Pb−Free)
5000 / Tape & Reel
NVMFS5C628NLWFT3G
628LWF
DFN5
(Pb−Free, Wettable Flanks)
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVMFS5C628NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C628NLT3G ONSEMI-NVMFS5C628NLT3G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
More results

Similar Description - NVMFS5C628NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NTMFS5C410NLT ONSEMI-NTMFS5C410NLT Datasheet
123Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
May, 2015 ??Rev. 0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com