Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C404NLT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS5C404NLT3G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C404NLT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS5C404NLT3G Datasheet HTML 1Page - ON Semiconductor NVMFS5C404NLT3G Datasheet HTML 2Page - ON Semiconductor NVMFS5C404NLT3G Datasheet HTML 3Page - ON Semiconductor NVMFS5C404NLT3G Datasheet HTML 4Page - ON Semiconductor NVMFS5C404NLT3G Datasheet HTML 5Page - ON Semiconductor NVMFS5C404NLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS5C404NL
http://onsemi.com
5
Figure 13. Thermal Characteristics
PULSE TIME (sec)
0.01
0.001
1
0.0001
0.1
0.00001
10
0.000001
0.01
0.1
1
10
100
100
1000
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
NVMFS5C404NL 650 mm2, 2 oz., Cu Single Layer Pad
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping
NVMFS5C404NLT1G
5C404L
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C404NLWFT1G
404LWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
NVMFS5C404NLT3G
5C404L
DFN5
(Pb−Free)
5000 / Tape & Reel
NVMFS5C404NLWFT3G
404LWF
DFN5
(Pb−Free, Wettable Flanks)
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVMFS5C404NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C404NLT3G ONSEMI-NVMFS5C404NLT3G Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
More results

Similar Description - NVMFS5C404NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com