Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C410N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5C410N
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C410N Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5C410N Datasheet HTML 1Page - ON Semiconductor NVMFS5C410N Datasheet HTML 2Page - ON Semiconductor NVMFS5C410N Datasheet HTML 3Page - ON Semiconductor NVMFS5C410N Datasheet HTML 4Page - ON Semiconductor NVMFS5C410N Datasheet HTML 5Page - ON Semiconductor NVMFS5C410N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS5C410N
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, GATE CHARGE (nC)
40
30
20
10
0
1E+1
1E+2
60
50
20
10
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
10
100
1000
0.9
0.8
1.0
0.7
0.6
0.5
0.4
0.3
1
Figure 11. Safe Operating Area
Figure 12. IPEAK vs. Time in Avalanche
VDS (V)
TIME IN AVALANCHE (s)
100
10
1
0.1
1
10
100
1000
1
10
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
VDS = 20 V
TJ = 25°C
ID = 50 A
QGS
QGD
VGS = 10 V
VDS = 20 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 150°C
TJ = 25°C TJ = −55°C
TJ(initial) = 100°C
TJ(initial) = 25°C
1E−04
1E−02
RDS(on) Limit
Thermal Limit
Package Limit
dc
0.01 ms
0.1 ms
1 ms
10 ms
TC = 25°C
VGS ≤ 10 V
1E+3
1E+4
1E−03
1000
35
25
15
5
30
70
TJ = 125°C
10
100
100
90
40
80
1
3
5
7
9
VGS = 0 V


Similar Part No. - NVMFS5C410N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
123Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C410NAFT1G ONSEMI-NVMFS5C410NAFT1G Datasheet
123Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C410NL ONSEMI-NVMFS5C410NL Datasheet
77Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410NL ONSEMI-NVMFS5C410NL Datasheet
123Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
NVMFS5C410NLAFT1G ONSEMI-NVMFS5C410NLAFT1G Datasheet
123Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
More results

Similar Description - NVMFS5C410N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com