Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS4C05N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS4C05N
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C05N Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS4C05N Datasheet HTML 1Page - ON Semiconductor NVMFS4C05N Datasheet HTML 2Page - ON Semiconductor NVMFS4C05N Datasheet HTML 3Page - ON Semiconductor NVMFS4C05N Datasheet HTML 4Page - ON Semiconductor NVMFS4C05N Datasheet HTML 5Page - ON Semiconductor NVMFS4C05N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 1
1
Publication Order Number:
NVMFS4C05N/D
NVMFS4C05N
Power MOSFET
30 V, 116 A, Single N−Channel, SO−8 FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
NVMFS4C05NWF − Wettable Flanks Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Notes 1, 2 and 4)
Steady
State
TA = 25°C
ID
24.7
A
TA = 80°C
19.6
Power Dissipation
RqJA (Notes 1, 2
and 4)
TA = 25°C
PD
3.61
W
Continuous Drain
Current RqJC
(Notes 1, 2, 3
and 4)
TC = 25°C
ID
116
A
Continuous Drain
Current RqJC
(Notes 1, 2, 3
and 4)
TC = 80°C
92
Power Dissipation
RqJC (Notes 1, 2, 3
and 4)
TC = 25°C
PD
79
W
Pulsed Drain
Current
TA = 25°C, tp = 10 ms
IDM
174
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+175
°C
Source Current (Body Diode)
IS
72
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, IL = 29 Apk, L = 0.1 mH)
EAS
42
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using 650 mm2, 2 oz Cu pad.
3. Assumes heat−sink sufficiently large to maintain constant case temperature
independent of device power.
4. Continuous DC current rating. Maximum current for pulses as long as one
second is higher but dependent on pulse duration and duty cycle.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
4C05N = Specific Device Code for
NVMFS4C05N
4C05WF= Specific Device Code of
NVMFS4C05NWF
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceabililty
4C05xx
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
3.4 m
W @ 10 V
116 A
5.0 m
W @ 4.5 V
N−CHANNEL MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NVMFS4C05NT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C05NT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
G (4)
S (1,2,3)
D (5−8)
NVMFS4C05NWFT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C05NWFT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NVMFS4C05N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4C05NT1G ONSEMI-NVMFS4C05NT1G Datasheet
81Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C05NT3G ONSEMI-NVMFS4C05NT3G Datasheet
81Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C05NWFT1G ONSEMI-NVMFS4C05NWFT1G Datasheet
81Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C05NWFT3G ONSEMI-NVMFS4C05NWFT3G Datasheet
81Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C05N ONSEMI-NVMFS4C05N_16 Datasheet
81Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
More results

Similar Description - NVMFS4C05N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com