Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB15N40 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB15N40
Description  N?묬hannel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB15N40 Datasheet(HTML) 2 Page - ON Semiconductor

  NTB15N40 Datasheet HTML 1Page - ON Semiconductor NTB15N40 Datasheet HTML 2Page - ON Semiconductor NTB15N40 Datasheet HTML 3Page - ON Semiconductor NTB15N40 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTP15N40, NTB15N40
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
400
510
Vdc
mV/°C
Zero Gate Voltage Collector Current
(VDS = 400 Vdc, VGS = 0 Vdc)
(VDS = 400 Vdc, VGS = 0 Vdc, TJ =125°C)
IDSS
10
100
μAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0)
IGSS(f)
IGSS(r)
100
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
ID = 0.25 mA, VDS = VGS
Temperature Coefficient (Negative)
VGS(th)
2.0
2.5
6.8
4.0
Vdc
mV/°C
Static Drain−to−Source On−Resistance (VGS = 10 Vdc, ID = 7.5 Adc)
RDS(on)
230
260
mOhm
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 15 Adc)
(VGS = 10 Vdc, ID = 7.5 Adc, TJ = 125°C)
VDS(on)
4.7
4.1
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 7.5 Adc)
gFS
10
13
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1800
2520
pF
Output Capacitance
Coss
630
880
Transfer Capacitance
Crss
40
80
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 200 Vdc, ID = 15 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
13
30
ns
Rise Time
tr
40
80
Turn−Off Delay Time
td(off)
49
100
Fall Time
tf
46
90
Gate Charge
(VDS = 320 Vdc, ID = 15 Adc,
VGS = 10 Vdc)
QT
37
50
nC
Q1
8.0
Q2
12
Q3
20
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1)
(IS = 15 Adc, VGS = 0 Vdc)
(IS = 15 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.90
0.80
1.0
Vdc
Reverse Recovery Time
(IS = 15 Adc, VGS = 0 Vdc,
diS/dt = 100 A/μs)
trr
290
ns
ta
170
tb
120
Reverse Recovery Stored
Charge
QRR
3.5
μC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
7.5
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTB15N40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB150N65S3HF ONSEMI-NTB150N65S3HF Datasheet
328Kb / 10P
   MOSFET ??N?륝hannel, SUPERFET III, FRFET
May, 2019 ??Rev. 0
More results

Similar Description - NTB15N40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com