Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMS4P01R2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMS4P01R2
Description  P?묬hannel Enhancement?묺ode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4P01R2 Datasheet(HTML) 2 Page - ON Semiconductor

  NTMS4P01R2 Datasheet HTML 1Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 2Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 3Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 4Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 5Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 6Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 7Page - ON Semiconductor NTMS4P01R2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTMS4P01R2
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−12
V
Drain−to−Gate Voltage (RGS = 1.0 mW)
VDGR
−12
V
Gate−to−Source Voltage − Continuous
VGS
±10
V
Thermal Resistance −
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ 25°C
Continuous Drain Current @ 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RθJA
PD
ID
ID
PD
ID
IDM
50
2.5
−6.04
−4.82
1.2
−4.18
−20
°C/W
W
A
A
W
A
A
Thermal Resistance −
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ 25°C
Continuous Drain Current @ 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RθJA
PD
ID
ID
PD
ID
IDM
85
1.47
−4.50
−3.65
0.7
−3.20
−15
°C/W
W
A
A
W
A
A
Thermal Resistance −
Junction−to−Ambient (Note 3)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ 25°C
Continuous Drain Current @ 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RθJA
PD
ID
ID
PD
ID
IDM
159
0.79
−3.40
−2.72
0.38
−2.32
−12
°C/W
W
A
A
W
A
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = −12 Vdc, VGS = −5.0 Vdc, Peak IL = −8.0 Apk, L = 10 mH, RG = 25 Ω)
EAS
320
mJ
Maximum Lead Temperature for Soldering Purposes, 1/8″ from case for 10 seconds
TL
260
°C
1. Mounted onto a 2″ square FR−4 Board (1″ sq. 2 oz Cu 0.06″ thick single sided), t ≤ 10 seconds.
2. Mounted onto a 2″ square FR−4 Board (1″ sq. 2 oz Cu 0.06″ thick single sided), t = steady state.
3. Minimum FR−4 or G−10 PCB, t = Steady State.
4. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%.


Similar Part No. - NTMS4P01R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
NTMS4107N ONSEMI-NTMS4107N Datasheet
77Kb / 6P
   30 V, 18 A, Single N?묬hannel, SO??
February, 2006 ??Rev. 3
NTMS4107NR2 ONSEMI-NTMS4107NR2 Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
NTMS4107NR2 ONSEMI-NTMS4107NR2 Datasheet
77Kb / 6P
   30 V, 18 A, Single N?묬hannel, SO??
February, 2006 ??Rev. 3
NTMS4107NR2G ONSEMI-NTMS4107NR2G Datasheet
77Kb / 6P
   30 V, 18 A, Single N?묬hannel, SO??
February, 2006 ??Rev. 3
More results

Similar Description - NTMS4P01R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS10P02R2 ONSEMI-NTMS10P02R2_06 Datasheet
180Kb / 6P
   Power MOSFET ??0 Amps, ??0 Volts P?묬hannel Enhancement?묺ode
March, 2006 ??Rev. 3
NTMSD3P303R2 ONSEMI-NTMSD3P303R2 Datasheet
128Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTMS10P02R2 ONSEMI-NTMS10P02R2 Datasheet
92Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel Enhancement?묺ode Single SO?? Package
December, 2003 ??Rev. 2
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
IRF530 ONSEMI-IRF530 Datasheet
192Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
NTP22N06 ONSEMI-NTP22N06 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com