Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4H01N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4H01N
Description  Power MOSFET Single N?묬hannel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4H01N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4H01N Datasheet HTML 1Page - ON Semiconductor NTMFS4H01N Datasheet HTML 2Page - ON Semiconductor NTMFS4H01N Datasheet HTML 3Page - ON Semiconductor NTMFS4H01N Datasheet HTML 4Page - ON Semiconductor NTMFS4H01N Datasheet HTML 5Page - ON Semiconductor NTMFS4H01N Datasheet HTML 6Page - ON Semiconductor NTMFS4H01N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4H01N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
25
20
15
10
5
0
0
1000
3000
4000
6000
7000
9000
10,000
90
60
50
40
30
20
10
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0
5
10
15
20
25
30
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ, STARTING JUNCTION TEMPERATURE (°C)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
1000
150
125
100
75
50
25
0
20
60
80
120
160
180
220
2000
5000
8000
70
80
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
TJ = 25°C
VGS = 10 V
VDD = 12.0 V
ID = 30 A
QT
Qgd
Qgs
td(off)
td(on)
tr
tf
TJ = 125°C
TJ = 25°C
VGS = 0 V
0 V < VGS < 10 V
100
ms
1 ms
10 ms
dc
RDS(on) Limit
Thermal Limit
Package Limit
ID = 38 A
40
100
140
200
VDD = 12 V
ID = 15 A
VGS = 10 V


Similar Part No. - NTMFS4H01N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01NF ONSEMI-NTMFS4H01NF Datasheet
88Kb / 7P
   Single N?묬hannel Power MOSFET
January, 2015 ??Rev. 2
NTMFS4H01NFT1G ONSEMI-NTMFS4H01NFT1G Datasheet
88Kb / 7P
   Single N?묬hannel Power MOSFET
January, 2015 ??Rev. 2
NTMFS4H01NFT3G ONSEMI-NTMFS4H01NFT3G Datasheet
88Kb / 7P
   Single N?묬hannel Power MOSFET
January, 2015 ??Rev. 2
More results

Similar Description - NTMFS4H01N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com