Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1512 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1512
Description  PWM Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1512 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1512 Datasheet HTML 3Page - ON Semiconductor NCP1512 Datasheet HTML 4Page - ON Semiconductor NCP1512 Datasheet HTML 5Page - ON Semiconductor NCP1512 Datasheet HTML 6Page - ON Semiconductor NCP1512 Datasheet HTML 7Page - ON Semiconductor NCP1512 Datasheet HTML 8Page - ON Semiconductor NCP1512 Datasheet HTML 9Page - ON Semiconductor NCP1512 Datasheet HTML 10Page - ON Semiconductor NCP1512 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP1512
http://onsemi.com
7
Figure 3. PWM Circuit Schematic
-
+
-
+
Vbat
C1
10
m
Latch
OC Detect
COMP
OVP
COMP
Error Amp
Vref
Q2
Q1
L1
6.8
mH
R3
R4
En Ramp
Set
IQ1
R1
R2
Sync
Q
S
R
En
C2
10
m
Vref+5%
LOAD
400 m
300 m
200 m
400 m
200 m
0.00
Figure 4. Waveforms During PWM Operation
3.6040
VIN
3.6000
3.5960
400 m
100 m
-200 m
3.01
3.00
2.99
3.70
2.00
-0.30
196.0
201.0
204.0
207.0
210.0
213.0
IPFET
IL
INFET
VO
VLX
TIME (
m)
PWM Mode with Internal Oscillator
If a synchronization signal is not available, the converter
has a 1.0 MHz internal oscillator available. The Sync Pin
must be held high to enter this mode. The characteristics of
the PWM mode with internal oscillator are similar to the
Sync PWM Mode.
Pulsed Mode
During low-level current output, NCP1512 can enter a
low current consumption mode when the Sync Pin is held
low. This mode will typically have a free running frequency
and an output voltage ripple similar to a PFM mode. The
advantage of the Pulsed mode is much lower Iq (14
mA) and
drastically higher efficiency compared with PWM and
PFM modes in low output loads.


Similar Part No. - NCP1512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP1510 ONSEMI-NCP1510 Datasheet
201Kb / 16P
   PWM Buck Converter with a Very Low Iq During Low Load Conditions
November, 2003 ??Rev. 8
NCP1510A ONSEMI-NCP1510A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1510FCT1G ONSEMI-NCP1510FCT1G Datasheet
201Kb / 16P
   PWM Buck Converter with a Very Low Iq During Low Load Conditions
November, 2003 ??Rev. 8
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
More results

Similar Description - NCP1512

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Rohm
BD9227F ROHM-BD9227F Datasheet
1Mb / 29P
   PWM Buck Converter Integrated FET
logo
Advanced Monolithic Sys...
AMS4106 ADMOS-AMS4106 Datasheet
430Kb / 11P
   5A SYNCHRONUS PWM BUCK CONVERTER
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
   2A OUTPUT PWM BUCK CONVERTER
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com