Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ128 Datasheet(PDF) 6 Page - ELM Electronics

Part # GD25LQ128
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ128 Datasheet(HTML) 6 Page - ELM Electronics

Back Button GD25LQ128 Datasheet HTML 2Page - ELM Electronics GD25LQ128 Datasheet HTML 3Page - ELM Electronics GD25LQ128 Datasheet HTML 4Page - ELM Electronics GD25LQ128 Datasheet HTML 5Page - ELM Electronics GD25LQ128 Datasheet HTML 6Page - ELM Electronics GD25LQ128 Datasheet HTML 7Page - ELM Electronics GD25LQ128 Datasheet HTML 8Page - ELM Electronics GD25LQ128 Datasheet HTML 9Page - ELM Electronics GD25LQ128 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ128CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
Each device has
Each block has
Each sector has
Each page has
16M
64/32K
4K
256
bytes
64K
256/128
16
-
pages
4096
16/8
-
-
sectors
256/512
-
-
-
blocks
3. MEMORY ORGANIZATION
Uniform Block Sector Architecture
Block
Sector
Address range
255
4095
FFF000H
FFFFFFH
-----
-----
-----
4080
FF0000H
FF0FFFH
254
4079
FEF000H
FEFFFFH
-----
-----
-----
4064
FE0000H
FE0FFFH
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
2
47
02F000H
02FFFFH
-----
-----
-----
32
020000H
020FFFH
1
31
01F000H
01FFFFH
-----
-----
-----
16
010000H
010FFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
GD25LQ128C
GD25LQ128C 64K Bytes Block Sector Architecture


Similar Part No. - GD25LQ128

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ128C ELM-GD25LQ128C Datasheet
3Mb / 62P
   128M-bit Serial Flash
logo
ELM Technology Corporat...
GD25LQ128C ELM-TECH-GD25LQ128C Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ128C GIGADEVICE-GD25LQ128C Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ128CSIG GIGADEVICE-GD25LQ128CSIG Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128CSIGR ELM-GD25LQ128CSIGR Datasheet
3Mb / 62P
   128M-bit Serial Flash
More results

Similar Description - GD25LQ128

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ40XIGX ELM-TECH-GD25LQ40XIGX Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com