Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ40 Datasheet(PDF) 7 Page - ELM Electronics

Part # GD25LQ40
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ40 Datasheet(HTML) 7 Page - ELM Electronics

Back Button GD25LQ40 Datasheet HTML 3Page - ELM Electronics GD25LQ40 Datasheet HTML 4Page - ELM Electronics GD25LQ40 Datasheet HTML 5Page - ELM Electronics GD25LQ40 Datasheet HTML 6Page - ELM Electronics GD25LQ40 Datasheet HTML 7Page - ELM Electronics GD25LQ40 Datasheet HTML 8Page - ELM Electronics GD25LQ40 Datasheet HTML 9Page - ELM Electronics GD25LQ40 Datasheet HTML 10Page - ELM Electronics GD25LQ40 Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
4. DEVICE OPERATION
SPI Mode
Standard SPI
The GD25LQ40 feature a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is
latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25LQ40 supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O Fast
Read” (3BH and BBH) commands. These commands allow data to be transferred to or from the device at two
times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional
I/O pins: IO0 and IO1.
Quad SPI
The GD25LQ40 supports Quad SPI operation when using the “Quad Output Fast Read”, “Quad I/O Fast
Read”, “Quad I/O Word Fast Read” (6BH, EBH, E7H) commands. These commands allow data to be transferred
to or from the device at four times the rate of the standard SPI. When using the Quad SPI command the SI and
SO pins become bidirectional I/O pins: IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3. Quad
SPI commands require the non-volatile Quad Enable bit (QE) in Status Register to be set.
QPI
The GD25LQ40 supports Quad Peripheral Interface (QPI) operations only when the device is switched
ftom Standard/Dual/Quad SPI mode to QPI mode using the “Enable the QPI (38H)” command. The QPI
mode utilizes all four IO pins to input the command code. Standard/Dual/Quad SPI mode and QPI mode are
exclusive. Only one mode can be active at any given times. “Enable the QPI (38H)” and “Disable the QPI (FFH)”
commands are used to switch between these two modes. Upon power-up and after software reset using “Reset
(99H)” command, the default state of the device is Standard/Dual/Quad SPI mode. The QPI mode requires the
non-volatile Quad Enable bit (QE) in Status Register to be set.
Hold
The HOLD# signal goes low to stop any serial communications with the device, but doesn’t stop the operation
of write status register, programming, or erasing in progress.
The operation of HOLD, need CS# keep low, and starts on falling edge of the HOLD# signal, with SCLK
signal being low (if SCLK is not being low, HOLD operation will not start until SCLK being low). The HOLD
condition ends on rising edge of HOLD# signal with SCLK being low (If SCLK is not being low, HOLD
operation will not end until SCLK being low).
The SO is high impedance, both SI and SCLK don’t care during the HOLD operation, if CS# drives high
during HOLD operation, it will reset the internal logic of the device. To re-start communication with chip, the
HOLD# must be at high and then CS# must be at low.


Similar Part No. - GD25LQ40

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ40 ELM-TECH-GD25LQ40 Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
4Mb / 28P
   MCU
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEEG GIGADEVICE-GD25LQ40CEEG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEFG GIGADEVICE-GD25LQ40CEFG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ40

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ40XIGX ELM-TECH-GD25LQ40XIGX Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com