Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX53F-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SX53F-AU
Description  SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SX53F-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SX53F-AU Datasheet HTML 1Page - Pan Jit International Inc. SX53F-AU Datasheet HTML 2Page - Pan Jit International Inc. SX53F-AU Datasheet HTML 3Page - Pan Jit International Inc. SX53F-AU Datasheet HTML 4Page - Pan Jit International Inc. SX53F-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
February 9,2015-REV.00
SX53F-AU / SX56F-AU
SCHOTTKY BARRIER RECTIFIER
VOLTAGE
30-60 Volt
5 Ampere
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
For surface mounted applications in order to optimize board space
Low power loss,high efficiency
High surge capacity
Ultra thin profile package for space constrained utilization
Package suitable for automated handling
Acqire quality system certificate : TS16949
AEC-Q101 qualified
Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SMAF, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Standard packaging : 12mm tape (EIA-481)
Weight : 0.0011 ounces, 0.0324 grams
Marking : Part number
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
1
2
Cathode
Anode
NOTES:1.Mounted on a FR4 PCB, single-sided copper, mini pad.
2.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area
PA R A M E TE R
S Y M B O L
S X 53F- A U
S X 56F- A U
UNI TS
R e cur r ent P eak R e ve r s e Vo l t age
V
RRM
30
60
V
R M S Vo l t age
V
RM S
21
42
V
D C Bl ock ing Vo l t age
V
R
30
60
V
A ver age For w ar d C ur r ent
I
F( AV )
5A
P eak For w a r d S ur ge C ur r ent : 8. 3m s si ng l e ha l f si ne - w ave
s uper i m posed on r a t ed l oad
I
FSM
10 0
A
For w ar d Vo l t age at 5A
V
F
0. 54
0. 66
V
D C Re ve r s e C ur r ent at R a t ed DC B lo cki ng Vo l t age
I
R
100
10 0
μA
Ty pic a l Junc t i on C apaci t anc e
V R= 10V, 1 M HZ
C
J
159
125
pF
Ty pic a l Ther ma l Re sis t anc e
( Not e 1)
( Not e 2)
R
ΘJA
R
Θ JL
15 0
15
O C/ W
O per at i ng Junc t i on Te mp er at ur e and S t or age Te m per at ur e R a ng e
T
J ,T ST G
- 55 t o + 150
O C


Similar Part No. - SX53F-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX53F PANJIT-SX53F Datasheet
186Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
SX53F PANJIT-SX53F Datasheet
326Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SX53F-AU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com