Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD4002 Datasheet(PDF) 3 Page - AUK corp

Part # SD4002
Description  4BIT MICRO CONTROLLER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD4002 Datasheet(HTML) 3 Page - AUK corp

  SD4002 Datasheet HTML 1Page - AUK corp SD4002 Datasheet HTML 2Page - AUK corp SD4002 Datasheet HTML 3Page - AUK corp SD4002 Datasheet HTML 4Page - AUK corp SD4002 Datasheet HTML 5Page - AUK corp SD4002 Datasheet HTML 6Page - AUK corp SD4002 Datasheet HTML 7Page - AUK corp SD4002 Datasheet HTML 8Page - AUK corp SD4002 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
KSI-W028-000
3
Features
Single power supply of 5V±10%
Built-in prescaler (200MHz MAX. Vin=0.3VPP ), IF counter and LCD driver (1/2 duty, 1/2 bias, frame
frequency:100Hz)
Capable of receiving FM and MW in the whole world and LW in Europe.
Tuning function ….. Manual tuning, auto-tuning (seek and scan) and preset memory scan.
Independent preset memory programming by six buttons for up to 18FM stations (sixFM1, FM2 and
FM3 stations each), up to 12 MW stations (six MW1 and MW2 stations each), up to six LW stations
and VF broadcasting stations.
Each last channel memory for FM : 3, MW:1 and VF : 1
VF auto-tuning (SK signal search) with DK stand-by function.
Control output of MTL (METAL), NR1 (NOISE REDUCTION), NR2 and AMS (AUTO MUSIC SEARCH)
and its display.
Automatic preset station memory function
Compact disc display(
)
Loudness control output and its display
Built-in 12 hour/24 hour clock display function (possible to set no clock
)
SD4002


Similar Part No. - SD4002

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Sirectifier Semiconduct...
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD400-01NFB SIRECTIFIER-SD400-01NFB Datasheet
342Kb / 2P
   Discrete Diodes
SD400-01NRB SIRECTIFIER-SD400-01NRB Datasheet
342Kb / 2P
   Discrete Diodes
SD400-02NFB SIRECTIFIER-SD400-02NFB Datasheet
342Kb / 2P
   Discrete Diodes
More results

Similar Description - SD4002

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD4001 AUK-SD4001 Datasheet
2Mb / 74P
   4BIT MICRO CONTROLLER
logo
Rohm
BU24591 ROHM-BU24591 Datasheet
101Kb / 8P
   4bit 1chip micro-controller for CD-DA
logo
Silan Microelectronics ...
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
   4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
List of Unclassifed Man...
MN150413 ETC-MN150413 Datasheet
113Kb / 2P
   Micro controller
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
   4BIT MICROCOMPUTER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com