Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM54AVF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SRM54AVF
Description  LOW VF SCHOTTKY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SRM54AVF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SRM54AVF Datasheet HTML 1Page - Pan Jit International Inc. SRM54AVF Datasheet HTML 2Page - Pan Jit International Inc. SRM54AVF Datasheet HTML 3Page - Pan Jit International Inc. SRM54AVF Datasheet HTML 4Page - Pan Jit International Inc. SRM54AVF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
February 2,2013-REV.00
SRM54AVF
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Metal to silicon rectifier. majority carrier conduction
• Low power loss, high efficiency
• High surge capacity
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: plastic molded
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
LOW VF SCHOTTKY
NOTES : 1.Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
VOLTAGE
45 Volts
5 Amperes
CURRENT
1
2
Cathode
Anode
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum rms voltage
VRMS
32
V
Maximum dc blocking voltage
VR
45
V
Maximum average forward rectified current
I F(AV)
5A
Peak forward surge current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
150
A
Typical thermal resistance
(Note 1)
(Note 2)
RJL
RJA
27
135
O C/W
Typical junction capacitance (VR=4V, f=1MHz)
CJ
500
pF
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC


Similar Part No. - SRM54AVF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SRM54AVF PANJIT-SRM54AVF_16 Datasheet
232Kb / 6P
   LOW VF SCHOTTKY
More results

Similar Description - SRM54AVF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SRM54AVF PANJIT-SRM54AVF_16 Datasheet
232Kb / 6P
   LOW VF SCHOTTKY
logo
Microsemi Corporation
FST19035 MICROSEMI-FST19035 Datasheet
148Kb / 2P
   Low Vf Schottky PowerMod
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
Infineon Technologies A...
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
   Low VF Schottky Diode
2008-02-11
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
   LOW VF SCHOTTKY DIODE
logo
Pan Jit International I...
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com