Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRW-900C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TRW-900C
Description  Wireless Low Cost 900MHz RF Transceiver Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-900C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TRW-900C Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 10Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 11Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 12Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 13Page - List of Unclassifed Manufacturers TRW-900C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-900C Datasheet P.10
Receive data
Secondary program:
TRW-900C-Receive-Data
5.Other mode:
Set power
Secondary program:
TRW-900C-Set-Power
Low-power mode Secondary program:TRW-900C-LowPowerMode
/* ******************************************************************
/* Company name :WENSHING ELECTRONIC CO., LTD.
/* Module name:TRW-900C
/* Create person :LHX Date :2006-11-03
/* Adjust person :LHX Date :2006-11-03
/* Function description :How to use TRW-900C
/* Version :Ver1.00
/********************************************************************
#include <C8051F320.H>
/********************************************************************
/********************************************************************
/* ******************************************************************
const unsigned char code TRW-900C_Table[68];
/* *****************************************************************
sbit CLK = P1^1;
sbit MISO = P1^2;
sbit MOSI = P1^3;
sbit CS = P1^6;
sbit DR = P1^4;
sbit TX_LED = P2^1;
/********************************************************************
/* Function name :W-TRW-900C- Byte */
/* Function description :Write a Byte data into TRW-900C */
/* Input :x */
/* Back
:No */
/********************************************************************
void W-TRW-900C_Byte(char x)
{
{
unsigned char i;
for(i=0;i<8;i++)
{
CLK = 0;
MOSI = 0;
if(x&0x80)
MOSI = 1;
x<<=1;
CLK = 1;
}
CLK = 0;


Similar Part No. - TRW-900C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
More results

Similar Description - TRW-900C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com