Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWS-438-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RWS-438-1
Description  Wireless Narrow Band Receiver Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RWS-438-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RWS-438-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RWS-438-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RWS-438-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
RWS-438 Datasheet P.1
WENSHING®©
RWS-438 RF MODULE Series
Wireless Narrow Band Receiver Module (RF ASK)
Version History
Version
Date
Changes
V1.01
Jun. 24, 2006
1
st. Edition
Model : RWS-438-1
303.875MHz ISM
Modulate Mode: ASK
-114dBm (512bps) Sensitivity
Single 4.8V to 5.5V Supply
UHF Wireless Data Receiver
Automatic Meter Reading
Wireless Security Systems
Remote Metering
Home Automation
Remote Control System


Similar Part No. - RWS-438-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-438-2 ETC2-RWS-438-2 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-3 ETC2-RWS-438-3 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-4 ETC2-RWS-438-4 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-5 ETC2-RWS-438-5 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-6 ETC2-RWS-438-6 Datasheet
302Kb / 3P
   Wireless Narrow Band Receiver Module
More results

Similar Description - RWS-438-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-434N-3 ETC2-RWS-434N-3 Datasheet
957Kb / 5P
   Wireless Narrow Band Receiver Module
RWS-434N-6 ETC2-RWS-434N-6 Datasheet
957Kb / 5P
   Wireless Narrow Band Receiver Module
RWS-438-4 ETC2-RWS-438-4 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-6 ETC2-RWS-438-6 Datasheet
302Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-434N-2 ETC2-RWS-434N-2 Datasheet
961Kb / 5P
   Wireless Narrow Band Receiver Module
RWS-433FSK-3 ETC2-RWS-433FSK-3 Datasheet
473Kb / 6P
   Wireless Narrow Band Receiver Module
RWS-438-2 ETC2-RWS-438-2 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-3 ETC2-RWS-438-3 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-438-5 ETC2-RWS-438-5 Datasheet
290Kb / 3P
   Wireless Narrow Band Receiver Module
RWS-530-2 ETC2-RWS-530-2 Datasheet
407Kb / 4P
   Wireless Narrow Band Receiver Module
RWS-530-3 ETC2-RWS-530-3 Datasheet
407Kb / 4P
   Wireless Narrow Band Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com