Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301120078 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301120078
Description  Comb Super Protex Handle, Industrial Duty
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301120078 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301120078 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/15/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301120078
Status:
Active
Overview:
Lighting Accessories
Description:
Comb Super Protex Handle, Industrial Duty
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678860943
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
80.01mm (3.150")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
174.63mm (6.875”)
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Lamp Type
A21
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
Yes
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
1145US
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130112 Series
This document was generated on 09/15/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301120078

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120070 MOLEX11-1301120070 Datasheet
43Kb / 1P
   Lamp Cover Package - 10 PCS
1301120071 MOLEX11-1301120071 Datasheet
43Kb / 1P
   Suptex Standard Socket Suptex Standard SOC
1301120072 MOLEX11-1301120072 Datasheet
43Kb / 1P
   Suptex Switch Socket, Industrial Duty
1301120073 MOLEX11-1301120073 Datasheet
43Kb / 1P
   Suptex Side Outlet Socket, Industrial Duty
1301120074 MOLEX11-1301120074 Datasheet
43Kb / 1P
   Suptex Comb Socket, Industrial Duty
More results

Similar Description - 1301120078

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0078 MOLEX11-130112-0078 Datasheet
39Kb / 1P
   Comb Super Protex Handle
1301120076 MOLEX11-1301120076 Datasheet
35Kb / 1P
   Switch Super Protex Handle, Industrial Duty
130112-0075 MOLEX11-130112-0075 Datasheet
41Kb / 1P
   Plain Super Protex Handle
130112-0076 MOLEX11-130112-0076 Datasheet
42Kb / 1P
   Switch Super Protex Handle
1301120075 MOLEX11-1301120075 Datasheet
34Kb / 1P
   Plain Super Protex Rubber Handle
1301120074 MOLEX11-1301120074 Datasheet
43Kb / 1P
   Suptex Comb Socket, Industrial Duty
1301120077 MOLEX11-1301120077 Datasheet
32Kb / 1P
   Side Outlet Suptex Handle, Industrial Duty
1300870057 MOLEX11-1300870057 Datasheet
34Kb / 2P
   Woodhead Super-Safeway Industrial Duty Hand Wind Reel
130112-0136 MOLEX11-130112-0136 Datasheet
41Kb / 1P
   Plain Super-Safeway Rubber Handle
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com