Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1020VL-AU Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MBR1020VL-AU
Description  SURFACE MOUNT SCHOTTKY POWER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR1020VL-AU Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MBR1020VL-AU Datasheet HTML 1Page - Pan Jit International Inc. MBR1020VL-AU Datasheet HTML 2Page - Pan Jit International Inc. MBR1020VL-AU Datasheet HTML 3Page - Pan Jit International Inc. MBR1020VL-AU Datasheet HTML 4Page - Pan Jit International Inc. MBR1020VL-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
August 6,2014-REV.00
MBR1020VL-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.167
(4.25)
0.106
(2.70)
0.031
(0.78)


Similar Part No. - MBR1020VL-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020VL PANJIT-MBR1020VL Datasheet
177Kb / 3P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
logo
Shenzhen Taychipst Elec...
MBR1020VL TAYCHIPST-MBR1020VL Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
logo
Pan Jit International I...
MBR1020VL PANJIT-MBR1020VL_16 Datasheet
259Kb / 5P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
MBR1020VL_R1_00001 PANJIT-MBR1020VL_R1_00001 Datasheet
259Kb / 5P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
MBR1020VL_R2_00001 PANJIT-MBR1020VL_R2_00001 Datasheet
259Kb / 5P
   SURFACE MOUNT SCHOTTKY POWER RECTIFIER
More results

Similar Description - MBR1020VL-AU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com