Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UD1006FR Datasheet(PDF) 1 Page - ON Semiconductor

Part # UD1006FR
Description  Planar Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UD1006FR Datasheet(HTML) 1 Page - ON Semiconductor

  UD1006FR Datasheet HTML 1Page - ON Semiconductor UD1006FR Datasheet HTML 2Page - ON Semiconductor UD1006FR Datasheet HTML 3Page - ON Semiconductor UD1006FR Datasheet HTML 4Page - ON Semiconductor UD1006FR Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
91212 TKIM/51910SA TKIM TC-00002308 No.A1745-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
UD1006FR
Planar Ultrafast Rectifier
Low VF type, 10A, 600V, 1.3V, TO-220F-2FS
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
VRRM=600V
VF=1.3V max (IF=10A)
trr=60ns(typ) (IF=0.5A, IR=1A)
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
600
V
Average Output Current
IO
50Hz resistive load, Sine wave Tc=79°C
10
A
R.M.S Forward Current
IF(RMS)
Tc=25°C (SANYO’s ideal heat dissipation condition) Package limited
18
A
Surge Forward Current
IFSM
Sine wave 10ms 1pulse
120
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7532-001
Ordering number : ENA1745A
1 : Cathode
2 : Anode
TO-220F-2FS
10.16
0.8
1.47 MAX
1.28
4.7
2.54
2.76
12
0.5
5.08
3.18
* : This part is not a metal
but a resin
*
UD1006FR-H
Product & Package Information
• Package
: TO-220F-2FS
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50pcs./magazine
Marking
Electrical Connection
1
2
UD1006
FR LOT No.


Similar Part No. - UD1006FR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
UD1006FR SANYO-UD1006FR Datasheet
193Kb / 3P
   Low VF Switching Diode
UD1006FR-H SANYO-UD1006FR-H Datasheet
306Kb / 5P
   Diffused Junction Silicon Diode Low VF Switching Diode
UD1006FR SANYO-UD1006FR_12 Datasheet
306Kb / 5P
   Diffused Junction Silicon Diode Low VF Switching Diode
More results

Similar Description - UD1006FR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RD0106T ONSEMI-RD0106T Datasheet
369Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
RD0506T ONSEMI-RD0506T Datasheet
370Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
UD2006FR ONSEMI-UD2006FR Datasheet
149Kb / 3P
   Planar Ultrafast Rectifier
September, 2013
RD2006FR ONSEMI-RD2006FR Datasheet
247Kb / 6P
   Planar Ultrafast Rectifier
September, 2013
UD0506T ONSEMI-UD0506T Datasheet
370Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
RD0506LS-SB ONSEMI-RD0506LS-SB Datasheet
204Kb / 5P
   Planar Ultrafast Rectifier
May, 2013
RD0504T ONSEMI-RD0504T Datasheet
339Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
logo
GOOD-ARK Electronics
MUR1540F GOOD-ARK-MUR1540F Datasheet
297Kb / 4P
   Ultrafast Recovery Planar Diode
MURB2040CT GOOD-ARK-MURB2040CT Datasheet
659Kb / 4P
   Ultrafast Recovery Planar Diode
MURD1060 GOOD-ARK-MURD1060 Datasheet
393Kb / 4P
   Ultrafast Recovery Planar Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com