Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1314E-V Datasheet(PDF) 1 Page - AUK corp

Part # SB1314E-V
Description  Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SB1314E-V Datasheet(HTML) 1 Page - AUK corp

  SB1314E-V Datasheet HTML 1Page - AUK corp SB1314E-V Datasheet HTML 2Page - AUK corp SB1314E-V Datasheet HTML 3Page - AUK corp SB1314E-V Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KLB-2006-001
1
SB1314E-V
Chip LED Lamp
Features
• 1.6mm(L)×0.8mm small size surface mount type
• Thin package of 0.4mm(H) thickness
• Transparent clear lens optic
• Low power consumption type chip LED
• Emitting Light Blue(470nm)
• E ; ESD Protected (±2.0kv, 3 times @100pF, 1.5kΩ)
Applications
• LCD backlighting
• Keypad backlighting
• Symbol backlighting
• Front panel indicator lamp
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr


Similar Part No. - SB1314E-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SB1314E-V AUK-SB1314E-V Datasheet
243Kb / 5P
   Chip LED
logo
KODENSHI_AUK CORP.
SB1314E-V KODENSHI-SB1314E-V Datasheet
196Kb / 4P
   CHip LED
logo
AUK corp
SB1314E-V AUK-SB1314E-V_1 Datasheet
243Kb / 5P
   Chip LED
More results

Similar Description - SB1314E-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
   Chip LED Lamp
logo
KODENSHI_AUK CORP.
SG1316 KODENSHI-SG1316 Datasheet
189Kb / 4P
   Chip LED Lamp
logo
AUK corp
SB1314-V AUK-SB1314-V Datasheet
267Kb / 4P
   Chip LED Lamp
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
   Chip LED Lamp
SB1316 AUK-SB1316 Datasheet
79Kb / 3P
   Chip LED Lamp
SY1316 AUK-SY1316 Datasheet
237Kb / 4P
   Chip LED Lamp
SPG1316-H AUK-SPG1316-H Datasheet
289Kb / 4P
   Chip LED Lamp
SM1316-L AUK-SM1316-L Datasheet
270Kb / 4P
   Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com