Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD15N06V Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTD15N06V
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD15N06V Datasheet(HTML) 2 Page - ON Semiconductor

  MTD15N06V Datasheet HTML 1Page - ON Semiconductor MTD15N06V Datasheet HTML 2Page - ON Semiconductor MTD15N06V Datasheet HTML 3Page - ON Semiconductor MTD15N06V Datasheet HTML 4Page - ON Semiconductor MTD15N06V Datasheet HTML 5Page - ON Semiconductor MTD15N06V Datasheet HTML 6Page - ON Semiconductor MTD15N06V Datasheet HTML 7Page - ON Semiconductor MTD15N06V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTD15N06V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 μAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
67
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
μAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 μAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
2.7
5.0
4.0
Vdc
mV/°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 7.5 Adc)
RDS(on)
0.08
0.12
Ohm
Drain−Source On−Voltage (VGS = 10 Vdc)
(ID = 15 Adc)
(ID = 7.5 Adc, TJ = 150°C)
VDS(on)
2.0
2.2
1.9
Vdc
Forward Transconductance (VDS = 8.0 Vdc, ID = 7.5 Adc)
gFS
4.0
6.2
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
469
660
pF
Output Capacitance
Coss
148
200
Reverse Transfer Capacitance
Crss
35
60
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 15 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
7.6
20
ns
Rise Time
tr
51
100
Turn−Off Delay Time
td(off)
18
40
Fall Time
tf
33
70
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 15 Adc,
VGS = 10 Vdc)
QT
14.4
20
nC
Q1
2.8
Q2
6.4
Q3
6.1
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1)
(IS = 15 Adc, VGS = 0 Vdc)
(IS = 15 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.05
1.5
1.6
Vdc
Reverse Recovery Time
(See Figure 14)
(IS = 15 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
59.3
ns
ta
46
tb
13.3
Reverse Recovery Stored
Charge
QRR
0.165
μC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
7.5
nH
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTD15N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
logo
VBsemi Electronics Co.,...
MTD15N06V VBSEMI-MTD15N06V Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Motorola, Inc
MTD15N06VL MOTOROLA-MTD15N06VL Datasheet
179Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
logo
ON Semiconductor
MTD15N06VL ONSEMI-MTD15N06VL Datasheet
273Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 5
MTD15N06VL-1 ONSEMI-MTD15N06VL-1 Datasheet
273Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 5
More results

Similar Description - MTD15N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com