Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT3055VLT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MMFT3055VLT3
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT3055VLT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MMFT3055VLT3 Datasheet HTML 2Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 3Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 4Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 5Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 6Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 7Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 8Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 9Page - ON Semiconductor MMFT3055VLT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMFT3055VL
http://onsemi.com
7
INFORMATION FOR USING THE SOT−223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT−223 POWER DISSIPATION
The power dissipation of the SOT−223 is a function of
the drain pad size. This can vary from the minimum pad
size for soldering to a pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, RθJA, the thermal resistance from
the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data
sheet for the SOT−223 package, PD can be calculated as
follows:
PD =
TJ(max) − TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 943 milliwatts.
PD =
175°C − 25°C
159°C/W
= 943 milliwatts
The 159°C/W for the SOT−223 package assumes the use
of the recommended footprint on a glass epoxy printed
circuit board to achieve a power dissipation of 943
milliwatts. There are other alternatives to achieving higher
power dissipation from the SOT−223 package. One is to
increase the area of the drain pad. By increasing the area of
the drain pad, the power dissipation can be increased.
Although one can almost double the power dissipation with
this method, one will be giving up area on the printed
circuit board which can defeat the purpose of using surface
mount technology. A graph of RθJA versus drain pad area is
shown in Figure 17.


Similar Part No. - MMFT3055VLT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055VL MOTOROLA-MMFT3055VL Datasheet
224Kb / 10P
   TMOS POWER FET 1.5 AMPERES 60 VOLT
More results

Similar Description - MMFT3055VLT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com