Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWS-DS-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TWS-DS-4
Description  Wireless Hi Power Transmitter Module (RF ASK)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWS-DS-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TWS-DS-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers TWS-DS-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers TWS-DS-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers TWS-DS-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers TWS-DS-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TWS-DS Series Datasheet P.2
Model : TWS-DS-4
 Frequency Range: 318 MHz
 Modulate Mode: ASK
 Circuit Shape: SAW
 Date Rate: 8Kbps
 Supply Voltage: 1.5~12V
 Electric Current: 23mA (5V) ; 40mA (9V) ; 53mA (12V)
 Power: 10dBm (5V) ; 14.5dBm (9V) ; 20dBm (12V)
 Working temperature: -20~+85℃
 Solder temperature: 230℃(10 seconds).
 High sensitivity is designed.
Application
 Wireless Data Transmission
 Wireless Game Pad
 Remote Control
 Wireless Toys
 Car Key
 Home Automation
 AMR- Automatic Meter Reading
 Remote Keyless Entry
Absolute Maximum Rating
Rating
Value
Unit
Power Supply and All Input/ Output Pins
-0.3~+12.0
V
Non-Operating Case Temperature
-20~+85
Soldering Temperature(10 seconds)
230


Similar Part No. - TWS-DS-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWS-DS-1 ETC2-TWS-DS-1 Datasheet
324Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-2 ETC2-TWS-DS-2 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-3 ETC2-TWS-DS-3 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-5 ETC2-TWS-DS-5 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-6 ETC2-TWS-DS-6 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
More results

Similar Description - TWS-DS-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWS-BS-6 ETC2-TWS-BS-6 Datasheet
302Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-5 ETC2-TWS-DS-5 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-2 ETC2-TWS-DS-2 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-3 ETC2-TWS-DS-3 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-BS-2 ETC2-TWS-BS-2 Datasheet
303Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-BS-5 ETC2-TWS-BS-5 Datasheet
303Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-ES-1 ETC2-TWS-ES-1 Datasheet
363Kb / 4P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-BS-4 ETC2-TWS-BS-4 Datasheet
302Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-6 ETC2-TWS-DS-6 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-ES-2 ETC2-TWS-ES-2 Datasheet
363Kb / 4P
   Wireless Hi Power Transmitter Module (RF ASK)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com