Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRW-V10-916-P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TRW-V10-916-P
Description  925 Mhz Wireless RF Hi Power Transceiver Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V10-916-P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TRW-V10-916-P Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 10Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 11Page - List of Unclassifed Manufacturers TRW-V10-916-P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
T RW-V10-925P Datasheet P.8
Instruction Mode
Into set up mode:
Transmit value=0x01+0x02+~+7E+0x7F,total=127Bytes.
Receive value =0x01+0x02+~+7E+0x7F, total=127Bytes,and it transit 0x53
hint notes every second to tell user that it is on instruction mode.
It needs to be in the set up mode to read or amend any parameter.
Exit code mode:
Transmit value = 0xFF FF FF 55 CC
Receive value = nothing, it stop transit back 0x53 hint notes every second.
It needs to be in the set up mode.
Read in product name and model:
Transmit value =0xFF FF FF 55 AA BB FD
Receive value (no character) =TRW-V10_V001
 It has information total in 11Bytes, the first six characters is product name
and last four characters are firmware (the contents will be a little different
in different version).
Recover parameter:
Transmit value =0xFF FF FF 55 AA BB FF
Receive value = nothing
Delete the original parameter, and recover back to the new set code
that is written in when it is out from factory.
Read in inside parameter:
Transmit value =0xFF FF FF 55 AA BB FE
Receive value =0x03 00 00 00 00 05 0E 1D 48 07 00 00 FF FF FF FF FF FF FF FF
FF FF FF FF FF FF FF FF FF FF FF
(this is the out from factory mode)
It has information that totals in 31Bytes, it is set inside parameter at
present.
Set inside parameter:
Transmit value =0xFE 03 00 00 00 00 05 0E 1D 48 07 00 00 FF FF FF FF FF FF FF
FF FF FF FF FF FF FF FF FF FF FF FF
,It transit 32 Bytes in total.
Receive value =0xFD 03 00 00 00 00 05 0E 1D 48 07 00 00 FF FF FF FF FF FF FF
FF FF FF FF FF FF FF FF FF FF FF FF
,it is 32Bytes in total transit back. It
means it is same as the inside parameter if the first Byte shows FE, after it
finish the update.
It is 31Bytes in total, change every parameter.
The first Byte: the starting parameter, 0xFE


Similar Part No. - TRW-V10-916-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V12 ETC2-TRW-V12 Datasheet
534Kb / 10P
   418~440MHz Wireless RF Hi Power Transceiver Module
More results

Similar Description - TRW-V10-916-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-V12 ETC2-TRW-V12 Datasheet
534Kb / 10P
   418~440MHz Wireless RF Hi Power Transceiver Module
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
TWS-BS-6 ETC2-TWS-BS-6 Datasheet
302Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-5 ETC2-TWS-DS-5 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-2 ETC2-TWS-DS-2 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-3 ETC2-TWS-DS-3 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-F916 ETC2-TWS-F916 Datasheet
223Kb / 3P
   Wireless Hi Power Transmitter Module (RF FSK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com