Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCEP85T25T Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCEP85T25T
Description  NCE N-Channel Super Trench Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCEP85T25T Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCEP85T25T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP85T25T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCEP85T25T
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE N-Channel Super Trench Power MOSFET
Description
The NCEP85T25T uses Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.
General Features
VDS =85V,ID =250A
RDS(ON) <2.8mΩ @ VGS=10V
Excellent gate charge x RDS(on) product
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested
Application
DC/DC Converter
Ideal for high-frequency switching and synchronous
rectification
Schematic diagram
TO-247 top view
100% UIS TESTED!
100% ∆Vds TESTED!
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCEP85T25T
NCEP85T25T
TO-247
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
85
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
250
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
180
A
Pulsed Drain Current
IDM
800
A
Maximum Power Dissipation
PD
300
W
Derating factor
2
W/℃
Single pulse avalanche energy
(Note 5)
EAS
1700
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
0.5
/W


Similar Part No. - NCEP85T25T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP85T25 NCEPOWER-NCEP85T25 Datasheet
371Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
More results

Similar Description - NCEP85T25T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP01T18T NCEPOWER-NCEP01T18T Datasheet
340Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP85T12 NCEPOWER-NCEP85T12 Datasheet
327Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP01T11 NCEPOWER-NCEP01T11 Datasheet
326Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP8588 NCEPOWER-NCEP8588 Datasheet
343Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP30T12G NCEPOWER-NCEP30T12G Datasheet
438Kb / 6P
   NCE N-Channel Super Trench Power MOSFET
V1.0
NCEP15T11T NCEPOWER-NCEP15T11T Datasheet
347Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP01T13D NCEPOWER-NCEP01T13D Datasheet
305Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP0114AS NCEPOWER-NCEP0114AS Datasheet
463Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
   NCE N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com