Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD777 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD777
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD777 Datasheet(HTML) 2 Page - ON Semiconductor

  BD777 Datasheet HTML 1Page - ON Semiconductor BD777 Datasheet HTML 2Page - ON Semiconductor BD777 Datasheet HTML 3Page - ON Semiconductor BD777 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD777
http://onsemi.com
2
16
12
0
20
40
60
100
120
140
160
Figure 1. Power Derating
T, TEMPERATURE (°C)
80
4.0
8.0
1.6
1.2
0
0.4
0.8
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (1)
BD776
(IO = 10 mAdc, IB = 0)
BD777, BD778
BD780
VCEO(sus)
45
60
80
Vdc
Collector Cutoff Current
(VCE = 20 Vdc, IB = 0)
BD776
(VCE = 30 Vdc, IB = 0)
BD777, BD778
(VCE = 40 Vdc, IB = 0)
BD780
ICEO
100
100
100
μAdc
Collector Cutoff Current
(VCB = Rated, VCEO(sus), IE = 0)
(VCB = Rated, VCEO(sus), IE = 0, IC = 100°C)
ICBO
1.0
100
μAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
μAdc
ON CHARACTERISTICS
DC Current Gain (IC = 2.0 Adc, VCE = 3.0 Vdc)
HFE
750
Collector−Emitter Saturation Voltage (IC = 1.5 Adc, IB = 6 mAdc)
VCE(Sat)
1.5
Vdc
Base Emitter Saturation Voltage (IC = 1.5 Adc, IB = 6 mAdc)
VBE(Sat)
2.5
Vdc
Base−Emitter On Voltage (IC = 1.5 Adc,VCE = 3 Vdc)
VBE(On)
2.3
Vdc
Output Diode Voltage Drop (IEC = 2.0 Adc)
VEC
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth Product (IC = 1.0 Adc, VCE = 2.0 Vdc)
fT
20
MHz
Symbol
Min
Typ
Unit
Turn−On Time (IC = 250 mA/VCE = 2 V)
BD775−777
BD776−778−780
ton
250
150
ns
Turn−Off Time (IC = 250 mA, VCE = 2 V)
BD775−777
BD776−778−780
toff
600
400
ns


Similar Part No. - BD777

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
New Jersey Semi-Conduct...
BD777 NJSEMI-BD777 Datasheet
95Kb / 2P
   PLASTIC DARUNGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Rohm
BD7771EFS ROHM-BD7771EFS Datasheet
173Kb / 5P
   7ch Power Driver for DVD(RW, RAM)
BD7776ARFS ROHM-BD7776ARFS Datasheet
158Kb / 4P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD777

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com