Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECH8673-TL-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8673-TL-H
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8673-TL-H Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8673-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 7Page - ON Semiconductor ECH8673-TL-H Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ECH8673
No. A1892-3/8
Switching Time Test Circuit
[N-channel]
[P-channel]
Ordering Information
Device
Package
Shipping
memo
ECH8673-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=2A
RL=10Ω
VDD=20V
VOUT
VIN
10V
0V
VIN
ECH8673
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1.5A
RL=13Ω
VDD= --20V
VOUT
VIN
0V
--10V
VIN
ECH8673
ID -- VGS
Gate to Source Voltage, VGS -- V
Drain to Source Voltage, VDS -- V
ID -- VDS
Gate to Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
0
1.5
0.5
2.5
3.0
1.0
2.0
3.5
0
0
IT16156
IT16157
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
1.0
0.5
2.0
3.0
4.0
1.5
2.5
3.5
4.5
5.0
1.0
0.5
1.5
4.0
4.5
2.0
2.5
5.5
5.0
6.0
6.5
3.0
3.5
7.0
VDS=10V
VGS=3.0V
3.5V
4.0V
[Nch]
[Nch]
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
50
100
200
250
150
VGS
=4.0V
, ID=1A
VGS
=10.0V
, ID=2A
VGS
=4.5V
, ID
=1A
IT16158
Ta=25
°C
IT16159
ID=1A
2A
0
2
10
12
8
6
414
16
0
50
100
150
250
200
[Nch]
[Nch]


Similar Part No. - ECH8673-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8673 SANYO-ECH8673 Datasheet
441Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
More results

Similar Description - ECH8673-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com