Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72N27SF Datasheet(PDF) 1 Page - AUK corp

Part # S72N27SF
Description  Standard Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S72N27SF Datasheet(HTML) 1 Page - AUK corp

  S72N27SF Datasheet HTML 1Page - AUK corp S72N27SF Datasheet HTML 2Page - AUK corp S72N27SF Datasheet HTML 3Page - AUK corp S72N27SF Datasheet HTML 4Page - AUK corp S72N27SF Datasheet HTML 5Page - AUK corp S72N27SF Datasheet HTML 6Page - AUK corp S72N27SF Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KSI-2055-000
1
S72NxxSF
Standard Voltage Detector
7
Description
The function of this low reset Type IC is to accurately reset systems after detecting the supply voltage at the time
of switching power on and instantaneous power off in various CPU and other logic system. Further, this IC, with
its super low consumption current is most suited as a voltage check circuit for a number of products which use
batteries.
Features
• Super low current consumption (ICCL = 1.0uA Typ.)
• High current of output transistor (IOL=20mA Typ.)
• Hysteresis circuit built in (△VS=100mV Typ.)
• It has on delay function to supplement the constant of outer C and R.
Applications
• Reset circuits for microcomputers, CPU and MPU.
• Reset circuit for logic circuitry.
• Battery voltage check circuit.
• Circuit for changing over to backup battery.
• Level detecting circuit.
Ordering Information
Type NO.
Marking
Package Code
S72NxxSF
N□□
SOT-23F
□□
: Detecting Voltage Code
Outline Dimensions
Unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. OUT
2. GND
3. Vcc
2.4±0.1
1.6±0.1
1
2
3


Similar Part No. - S72N27SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
S72N27 AUK-S72N27 Datasheet
348Kb / 7P
   Standard Voltage Detector
S72N27N AUK-S72N27N Datasheet
386Kb / 7P
   Standard Voltage Detector
S72N27UF AUK-S72N27UF Datasheet
342Kb / 7P
   Standard Voltage Detector
More results

Similar Description - S72N27SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510_1 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
logo
AUK corp
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com