Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5956B Datasheet(PDF) 3 Page - Diotech Company.

Part # 1N5956B
Description  3W SILICON ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N5956B Datasheet(HTML) 3 Page - Diotech Company.

  1N5956B Datasheet HTML 1Page - Diotech Company. 1N5956B Datasheet HTML 2Page - Diotech Company. 1N5956B Datasheet HTML 3Page - Diotech Company. 1N5956B Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES
1N5913B THRU 1N5956B
FIG. 1 - POWER TEMPERATURE DERATING CURVE
FIG. 2 - TYPICAL THERMAL RESPONSE L, LEAD LENTGTH = 3/8 INCH
FIG. 3 - MAXIMUM SURGE POWER
FIG. 4 - TYPICAL REVERSE LEAKAGE
1
L = LEAD
LENGTH
TO HEAT SINK
5
3
2
4
L = 1/8"
L = 1"
0
TL, LEAD TEMPERATURE (°C)
0
40
80
120
160
200
t, TIME (SECONS)
0.0001
0.1
1
10
20
30
0.001
0.01
0.1
1
10
1
10
100
1000
0.0001
0.001
0.01
0.1
1
3
2
NOMINAL VZ (VOLTS)
PW, PULS WIDTH (ms)
0.1
1
10
100
1000
100
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ = 25 °C PRIOR
TO INITIAL PULSE
L = 3/8"
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0
Note : Below 0.1 second, Thermal
response curve is applicable
to any lead length (L).
t2
PPK
t1
D =
t2
t2
Single Pulse ΔTJL = ӨJL(t)PPK
Repetitive Pulse ΔTJL = ӨJL(t,D)PPK
Ta = 125 °C
Ta = 25 °C


Similar Part No. - 1N5956B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5956B PANJIT-1N5956B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5956B EIC-1N5956B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5956B TRSYS-1N5956B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5956B CENTRAL-1N5956B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Jinan Gude Electronic D...
1N5956B JGD-1N5956B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5956B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
   3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diode
logo
Zibo Seno Electronic En...
1SMB5913A ZSELEC-1SMB5913A Datasheet
409Kb / 4P
   3W SURFACE MOUNT ZENER DIODE
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
FutureWafer Tech Co.,Lt...
1SMB59XXBT3G FUTUREWAFER-1SMB59XXBT3G Datasheet
1Mb / 10P
   3W Zener Voltage Regulators
20-DEC-2021 V 2.1
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com