Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0332C1E3R5CA01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0332C1E3R5CA01
Description  Temperature coefficient
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0332C1E3R5CA01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0332C1E3R5CA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0332C1E3R5CA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0332C1E3R5CA01D , GRM0332C1E3R5CA01W , GRM0332C1E3R5CA01J
Shape
L size
0.6 ±0.03mm
W size
0.3 ±0.03mm
T size
0.3 ±0.03mm
External terminal width e
0.1 to 0.2mm
Distance between external terminals g
0.2mm min.
Size code in inch(mm)
0201 (0603)
Specifications
Capacitance
3.5pF ±0.25pF
Rated voltage
25Vdc
Temperature characteristics (complied standard)
CH(JIS)
Temperature coefficient
0±60ppm/℃
Temperature range of temperature characteristics
20 to 125℃
Operating temperature range
-55 to 125℃
References
Packaging
Specifications
Minimum quantity
φ180mm Paper taping
15000
φ330mm Paper taping
50000
φ180mm Paper taping (W8P1*)
* Width : 8mm, Pocket pitch : 1mm
30000
Mass (typ.)
1 piece
0.33mg
φ180mm Reel
118g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/12/14


Similar Part No. - GRM0332C1E3R5CA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0332C1E3R5WA01 MURATA-GRM0332C1E3R5WA01 Datasheet
49Kb / 1P
   Temperature range of temperature characteristics
More results

Similar Description - GRM0332C1E3R5CA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1E6R6BE01 MURATA-GRM0115C1E6R6BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0115C1E6R8BE01 MURATA-GRM0115C1E6R8BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0222C1CR75BD05 MURATA-GRM0222C1CR75BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR80WD05 MURATA-GRM0222C1CR80WD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR82BD05 MURATA-GRM0222C1CR82BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1E1R0BDAE MURATA-GRM0222C1E1R0BDAE Datasheet
50Kb / 1P
   Temperature coefficient
GRM0222C1E1R0CDAE MURATA-GRM0222C1E1R0CDAE Datasheet
50Kb / 1P
   Temperature coefficient
GRM0225C1CR27WD05 MURATA-GRM0225C1CR27WD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0225C1E6R7WDAE MURATA-GRM0225C1E6R7WDAE Datasheet
50Kb / 1P
   Temperature coefficient
GRM0222C0J111GA02 MURATA-GRM0222C0J111GA02 Datasheet
92Kb / 2P
   Temperature coefficient
GRM0222C0J181GA02 MURATA-GRM0222C0J181GA02 Datasheet
92Kb / 2P
   Temperature coefficient
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com