Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2005SN1T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS2005SN1T1G
Description  Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2005SN1T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS2005SN1T1G Datasheet HTML 2Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 3Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 4Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 5Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 6Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 7Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 8Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 9Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCS2005
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 19. Inverting Large Signal Transient
Response
Figure 20. Input Bias and Offset Current vs.
Temperature
TIME (
ms)
TEMPERATURE (
°C)
50
40
60
30
20
10
0
−10
−3
−2
−1
0
1
2
110
85
60
35
10
−15
−40
−100
−90
−80
−60
−40
−30
−20
0
VS = ±2.5 V
AV = +1
RL = 10 kW
CL = 24.7 pF
Input
Output
−70
−50
−10
−0.6
−0.4
−0.2
0.2
0.6
0.8
1.0
0
0.4
Bias Current +
Bias Current −
Offset Current
VS = ±2.5 V


Similar Part No. - NCS2005SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results

Similar Description - NCS2005SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
[Old version datasheet]   Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com