Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTW20N50E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTW20N50E
Description  N?묬hannel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTW20N50E Datasheet(HTML) 3 Page - ON Semiconductor

  MTW20N50E Datasheet HTML 1Page - ON Semiconductor MTW20N50E Datasheet HTML 2Page - ON Semiconductor MTW20N50E Datasheet HTML 3Page - ON Semiconductor MTW20N50E Datasheet HTML 4Page - ON Semiconductor MTW20N50E Datasheet HTML 5Page - ON Semiconductor MTW20N50E Datasheet HTML 6Page - ON Semiconductor MTW20N50E Datasheet HTML 7Page - ON Semiconductor MTW20N50E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTW20N50E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
04
8
12
16
20
0
16
24
32
40
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
2.0
2.8
3.6
4.4
5.2
6.0
0
16
24
32
40
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
8
16
24
32
40
0
0.1
0.3
0.4
0.6
0
8
16
24
32
40
0.24
0.26
0.28
0.30
0.34
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0
0.8
1.6
2.4
0
100
200
300
400
500
1
10
100
1000
10000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
−25
0
25
50
75
100
125
150
TJ = 25°C
VDS ≥ 10 V
100°C
25°C
TJ = − 55°C
TJ = 100°C
25°C
−55°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 10 V
8 V
7 V
6 V
5 V
2
6
10
14
18
8
8
2.4
3.2
4.0
4.8
5.6
6.8
6.4
0.2
0.5
4
1220
2836
0.32
4
12
202836
0.4
1.2
2.0
50
150
250
350
450
VGS = 10 V
15 V
100°C
25°C
TJ = 125°C
VGS = 10 V
ID = 10 A
9 V


Similar Part No. - MTW20N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
logo
Inchange Semiconductor ...
MTW20N50E ISC-MTW20N50E Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTW20N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com