Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301100022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301100022
Description  Super-Safeway 500W Halogen Floodlight Magnet Mount, Cord Type 16/3 SOOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301100022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301100022 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301100022
Status:
Active
Overview:
Wide-Area Lighting Products
Description:
Super-Safeway™ 500W Halogen Floodlight Magnet Mount, Cord Type 16/3 SOOW,
Cord Length 7.62m (25.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130110
NEMA Configuration
NEMA 5-15
NEMA Rating
Rain Tight
Outlet
None
Overview
Wide-Area Lighting Products
Product Literature Order No
987650-8054
Product Name
Super-Safeway™
Type
Wide Area Lamps
UPC
78678885061
Woodhead
Yes
Physical
Cord Length - Primary
7.62m (25.0')
Cord Length - Secondary
N/A
Depth
N/A
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
374.65mm (14.750")
Length
279.40mm (11.000")
Material - Globe
Tempered Glass
Material - Guard
#8 Gauge Zinc-plated Steel
Mounting Style
Magnet
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Quartz Halogen
Cord Type - Primary
16/3 SOOW
Lamp Type
T-3 RSC
Lamp Wattage - Maximum
500W
Lumens
9200
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
8506M
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130110 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301100022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301100023 MOLEX11-1301100023 Datasheet
28Kb / 1P
   Super-Safeway 1000W Halogen Floodlight Stand Mount, Cord Type 16/3 SOOW
1301100024 MOLEX11-1301100024 Datasheet
33Kb / 1P
   Pro-Yellow 60W Magnet Mount Machine Light, with Molded 18/2 SJTOW Cord Type
1301100026 MOLEX11-1301100026 Datasheet
39Kb / 1P
   Pro-Yellow 20W Halogen Magnet Mount Machine Light, with Molded 18-/Cord Type
1301100028 MOLEX11-1301100028 Datasheet
39Kb / 1P
   Pro-Yellow 13W Fluorescent Magnet Mount Machine Light, with Molded 182 Cord Type,
1301100029 MOLEX11-1301100029 Datasheet
39Kb / 1P
   Pro-Yellow 13W Fluorescent Screw Mount Machine Light, with Molded 18/2 Cord
More results

Similar Description - 1301100022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0323 MOLEX11-130135-0323 Datasheet
36Kb / 1P
   Super-Safeway 500W Halogen Floodlight Stand Mount, 16/3 SOOW Cord Type
1301100023 MOLEX11-1301100023 Datasheet
28Kb / 1P
   Super-Safeway 1000W Halogen Floodlight Stand Mount, Cord Type 16/3 SOOW
130110-0003 MOLEX11-130110-0003 Datasheet
48Kb / 1P
   Watertite Wet Location 500W Stand Mount Floodlight, Cord Type 16/3 SOOW
1301100002 MOLEX11-1301100002 Datasheet
41Kb / 1P
   Watertite Wet Location 500W Stand Mount Floodlight, Cord Type 16/3 SOOW
1301100004 MOLEX11-1301100004 Datasheet
41Kb / 1P
   Watertite Wet Location 500W Stand Mount Floodlight, Cord Type 16/3 SOOW
1301100043 MOLEX11-1301100043 Datasheet
28Kb / 1P
   Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with Switch
1301100042 MOLEX11-1301100042 Datasheet
28Kb / 1P
   Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with GFCI Outlet Box and Switch
1300830740 MOLEX11-1300830740 Datasheet
41Kb / 1P
   Super-Safeway 500W Quartz Mobilite without Guard. 16/3 SOW Cord Type
1301120199 MOLEX11-1301120199 Datasheet
41Kb / 1P
   1000W Guard- for Super-Safeway 1000W Halogen Floodlight
130110-0021 MOLEX11-130110-0021 Datasheet
35Kb / 1P
   Super-Safeway 100W 12V Halogen Floodlight Magnet Mount no Guard for use with Low voltage workstation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com