Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF3P03HDR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMSF3P03HDR2
Description  P?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3P03HDR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MMSF3P03HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 9Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 10Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 11Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MMSF3P03HD
http://onsemi.com
8
INFORMATION FOR USING THE SO−8 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to ensure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self−align when
subjected to a solder reflow process.
mm
inches
0.060
1.52
0.275
7.0
0.024
0.6
0.050
1.270
0.155
4.0
SO−8 POWER DISSIPATION
The power dissipation of the SO−8 is a function of the
input pad size. This can vary from the minimum pad size
for soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, RθJA, the thermal resistance from
the device junction to ambient; and the operating
temperature, TA. Using the values provided on the data
sheet for the SO−8 package, PD can be calculated as
follows:
PD =
TJ(max) − TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 2.5 Watts.
PD =
150
°C − 25°C
50
°C/W
= 2.5 Watts
The 50
°C/W for the SO−8 package assumes the
recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 2.5 Watts using the
footprint shown. Another alternative would be to use a
ceramic substrate or an aluminum core board such as
Thermal Clad
t. Using board material such as Thermal
Clad, the power dissipation can be doubled using the same
footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10
°C.
• The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.


Similar Part No. - MMSF3P03HDR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
More results

Similar Description - MMSF3P03HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
   P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
   Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
   P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com