Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDF7N02Z Datasheet(PDF) 7 Page - ON Semiconductor

Part # MMDF7N02Z
Description  N?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF7N02Z Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MMDF7N02Z Datasheet HTML 3Page - ON Semiconductor MMDF7N02Z Datasheet HTML 4Page - ON Semiconductor MMDF7N02Z Datasheet HTML 5Page - ON Semiconductor MMDF7N02Z Datasheet HTML 6Page - ON Semiconductor MMDF7N02Z Datasheet HTML 7Page - ON Semiconductor MMDF7N02Z Datasheet HTML 8Page - ON Semiconductor MMDF7N02Z Datasheet HTML 9Page - ON Semiconductor MMDF7N02Z Datasheet HTML 10Page - ON Semiconductor MMDF7N02Z Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMDF7N02Z
http://onsemi.com
7
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 µs. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RθJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1.0
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 4.5 V
SINGLE PULSE
TC = 25_C
10
0.01
dc
10 ms
1.0
100
100
1.0 ms
100
µS
0.1


Similar Part No. - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
   DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
   Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
More results

Similar Description - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com