Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906 Datasheet(PDF) 3 Page - Diotech Company.

Part # MMBT3906
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMBT3906 Datasheet(HTML) 3 Page - Diotech Company.

  MMBT3906 Datasheet HTML 1Page - Diotech Company. MMBT3906 Datasheet HTML 2Page - Diotech Company. MMBT3906 Datasheet HTML 3Page - Diotech Company. MMBT3906 Datasheet HTML 4Page - Diotech Company. MMBT3906 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT3906
RATINGS AND CHARACTERISTIC CURVES
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
±0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
10.9 V
+9.1 V
DUTY CYCLE = 2%
t1
0
10 < t1< 500us
* Total shunt capacitance of test jig and connectors
REVERSE BIAS ( VOLTS )
2.0
3.0
5.0
7.0
10
1.0
0.1
IC, COLLECTOR CURRENT ( mA )
5000
1.0
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20 30
50 70 100
200
1.0
2.0 3.0 5.0 7.0 10
20 30 40
0.2 0.3 0.5 0.7
Cibo
Cobo
TJ=25
oC
TJ=125
oC
TYPICAL TRANSIENT CHARACTERISTICS
VCC=40 V
IC/IB=10
Figure 3. Capacitance
Figure 4. Charge Data
QT
QA
Figure 5. Turn-On Time
IC, COLLECTOR CURRENT ( mA )
70
100
200
300
500
50
Figure 6. Fall Time
IC, COLLECTOR CURRENT ( mA )
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
td @ VOB=0 V
tr @ VCC=3.0 V
IC/IB=10
40 V
15 V
2.0 V
VCC=40 V
IB1=IB2
IC/IB=20
IC/IB=10
ELECTRICAL CHARACTERISTICS (Ta= 25℃)
SWITCHING CHARACTERISTICS
Delay Time
td
35
Rise Time
tr
35
Storage Time
ts
225
Fall Time
tf
75
ns
(VCC = – 3.0 Vdc, IC =
10 mAdc,IB1 = IB2=
–1.0
mAdc)
(V CC = –3.0 Vdc, VBE =
0.5 Vdc,I C = –10 mAdc,
IB1= – 1.0 mAdc)


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
MMBT3906 GSME-MMBT3906 Datasheet
404Kb / 4P
   PNP Switching Transistor
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
   PNP switching transistor
2000 Apr 11
logo
First Components Intern...
MMBT3906 FCI-MMBT3906 Datasheet
96Kb / 1P
   200mW PNP Bipolar Transistors
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
DONGGUAN YOU FENG WEI E...
MMBT3906 YFWDIODE-MMBT3906 Datasheet
603Kb / 3P
   PNP Transistors
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com