Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G983-XXX Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G983-XXX
Description  Low-Dropout, 600mA Linear Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G983-XXX Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G983-XXX Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.3
Jul 09, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G983-XXX
Global Mixed-mode Technology
Low-Dropout, 600mA Linear Regulator
Features
600mA Output Current, with Foldback Current
Limiting
High Ripple Rejection
±2% Output Accuracy
300µA quiescent Current
Thermal Overload Protection
SOT-89, SOT-89-5 and SOP-8 Package
MLCC Stabled
Applications
CD ROM or DVD ROM
Slim-Type CD/DVD
DVD Player
Portable Equipment, etc
Cordless Telephone
General Description
The G983 are low-dropout, linear regulator. It is avail-
able in SOT-89, SOT-89-5 and SOP8 packages. The
MLCC capacitor can be used for output capacitor. The
G983 turns off linear regulator function when EN pin is
low. Familiar regulator features such as over tem-
perature and over current protection circuits are pro-
vided to prevent it from being damaged by abnormal
operating conditions.
Ordering Information
ORDER
NUMBER
MARKING
REGULATOR
OUTPUT VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
G983-170T24U
983H
1.7
-40°C to +85°C
SOT-89
G983-180T24U
983I
1.8
-40°C to +85°C
SOT-89
G983-330T24U
983W
3.3
-40°C to +85°C
SOT-89
G983-170TE1U
983-170
1.7
-40°C to +85°C
SOT-89-5
G983-180TE1U
983-180
1.8
-40°C to +85°C
SOT-89-5
G983-330TE1U
983-330
3.3
-40°C to +85°C
SOT-89-5
G983-170P11U
983-170
1.7
-40°C to +85°C
SOP-8
G983-180P11U
983-180
1.8
-40°C to +85°C
SOP-8
G983-250P11U
983-250
2.5
-40°C to +85°C
SOP-8
G983-330P11U
983-330
3.3
-40°C to +85°C
SOP-8
Note: T2: SOT-89
TE: SOT-89-5
P1: SOP-8
1 or 4: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Operation Circuit
SOP- 8
G983-XXX
8
6
5
1
2
3
4
VO
N.C
N.C
VIN
N.C
N.C
EN
7
GND
VIN
VOUT
GND
EN
G983-XXX
RL
C
IN
1µF
MLCC
V
IN
EN=Low to shutdown
C
L
2.2µF
MLCC
SOT-89-5
VO
N.C
G983-XXX
1
23
5
4
GND
EN
VIN
Top View
Top View
Top View
SOT-89
1
23
GND VIN VO
G983-XXX
SOP- 8
G983-XXX
8
6
5
1
2
3
4
VO
N.C
N.C
VIN
N.C
N.C
EN
7
GND
VIN
VOUT
GND
EN
G983-XXX
RL
C
IN
1µF
MLCC
V
IN
EN=Low to shutdown
C
L
2.2µF
MLCC
SOT-89-5
VO
N.C
G983-XXX
1
23
5
4
GND
EN
VIN
Top View
Top View
Top View
Top View
SOT-89
1
23
GND VIN VO
G983-XXX


Similar Part No. - G983-XXX

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9801 HAMAMATSU-G9801 Datasheet
236Kb / 3P
   InGaAs PIN photodiodes
logo
Global Mixed-mode Techn...
G9815 GMT-G9815 Datasheet
51Kb / 1P
   1.5A High PSRR, Low Noise, LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
logo
Hamamatsu Corporation
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G9821 HAMAMATSU-G9821 Datasheet
234Kb / 3P
   InGaAs PIN photodiodes with preamp
More results

Similar Description - G983-XXX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com